Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-2IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2901-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-2IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2901-2IGN Datasheet HTML 1Page - Linear Technology LTC2901-2IGN Datasheet HTML 2Page - Linear Technology LTC2901-2IGN Datasheet HTML 3Page - Linear Technology LTC2901-2IGN Datasheet HTML 4Page - Linear Technology LTC2901-2IGN Datasheet HTML 5Page - Linear Technology LTC2901-2IGN Datasheet HTML 6Page - Linear Technology LTC2901-2IGN Datasheet HTML 7Page - Linear Technology LTC2901-2IGN Datasheet HTML 8Page - Linear Technology LTC2901-2IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2901
2901is sn2901
TI I G DIAGRA S
VX Monitor Timing
tRST
2901 TD
VRTX
VX
RST
COMPX
tUV
1.5V
Watchdog Timing
tRST
tWP
tWD
tWD
2901 TD2
RST
WDI
WDO
TEST CIRCUITS
Figure 1. RST, WDO, COMPX VOH Test
V1
V2
V3
V4
2901 F01
LTC2901-1
RST, WDO
OR COMPX
ISOURCE
1
µA
Figure 2. RST, WDO, COMPX VOL Test
V1
V2
V3
V4
2901 F02
LTC2901-1
ISINK
2.5mA,
100
µA
RST, WDO
OR COMPX
Figure 3. Active Pull-Up RST VOH Test
V1
V2
V3
V4
2901 F03
LTC2901-2
RST
ISOURCE
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com