Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-2IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2901-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-2IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC2901-2IGN Datasheet HTML 1Page - Linear Technology LTC2901-2IGN Datasheet HTML 2Page - Linear Technology LTC2901-2IGN Datasheet HTML 3Page - Linear Technology LTC2901-2IGN Datasheet HTML 4Page - Linear Technology LTC2901-2IGN Datasheet HTML 5Page - Linear Technology LTC2901-2IGN Datasheet HTML 6Page - Linear Technology LTC2901-2IGN Datasheet HTML 7Page - Linear Technology LTC2901-2IGN Datasheet HTML 8Page - Linear Technology LTC2901-2IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2901
2901is sn2901
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
q
4.600
4.675
4.750
V
VRT33
3.3V, 5% Reset Threshold
V1, V2 Input Threshold
q
3.036
3.086
3.135
V
VRT30
3V, 5% Reset Threshold
V2 Input Threshold
q
2.760
2.805
2.850
V
VRT25
2.5V, 5% Reset Threshold
V2, V3 Input Threshold
q
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V3, V4 Input Threshold
q
1.656
1.683
1.710
V
VRT15
1.5V, 5% Reset Threshold
V3, V4 Input Threshold
q
1.380
1.403
1.425
V
VRTA
ADJ Reset Threshold
V3, V4 Input Threshold
q
0.492
0.500
0.508
V
VRTAN
– ADJ Reset Threshold
V4 Input Threshold
q
–18
0
18
mV
VCC
Minimum Internal Operating Voltage
RST, COMPX in Correct Logic State;
q
1V
VCC Rising Prior to Program
VCCMINP
Minimum Required for Programming
VCC Rising
q
2.42
V
VCCMINC
Minimum Required for Comparators
VCC Falling
q
2.32
V
VREF
Reference Voltage
VCC ≥ 2.3V, IVREF = ±1mA, CREF ≤ 1000pF
q
1.192
1.210
1.228
V
VPG
Programming Voltage Range
VCC ≥ VCCMINP
q
0VREF
V
IVPG
VPG Input Current
VPG = VREF
q
±20
nA
IV1
V1 Input Current
V1 = 5V, IVREF = 12µA, (Note 4)
q
43
75
µA
IV2
V2 Input Current
V2 = 3.3V
q
0.8
2
µA
IV3
V3 Input Current
V3 = 2.5V
q
0.52
1.2
µA
V3 = 0.55V (ADJ Mode)
q
–15
15
nA
IV4
V4 Input Current
V4 = 1.8V
q
0.34
0.8
µA
V4 = 0.55V (ADJ Mode)
q
–15
15
nA
V4 = –0.05V (–ADJ Mode)
q
–15
15
ICRT(UP)
CRT Pull-Up Current
VCRT = 0V
q
–1.4
–2
–2.6
µA
ICRT(DN)
CRT Pull-Down Current
VCRT = 1.3V
q
10
20
30
µA
tRST
Reset Time-Out Period
CRT = 1500pF
q
4.9
6.9
8.9
ms
ORDER PART
NUMBER
GN16 PART MARKING
29011
29012
29011I
29012I
TJMAX = 125°C, θJA = 130°C/W
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted. (Note 3)
(Notes 1, 2, 3)
V1, V2, V3, V4, VPG ..................................... –0.3V to 7V
RST (LTC2901-1)........................................ – 0.3V to 7V
RST (LTC2901-2).......................... – 0.3V to (V2 + 0.3V)
COMPX ....................................................... – 0.3V to 7V
CWT, WDO .................................................. – 0.3V to 7V
VREF, CRT, WDI ............................ – 0.3V to (VCC + 0.3V)
Reference Load Current (IVREF) ............................ ±1mA
V4 Input Current (–ADJ Mode) ............................. –1mA
Operating Temperature Range
LTC2901-1C/LTC2901-2C ....................... 0
°C to 70°C
LTC2901-1I/LTC2901-2I .................... –40
°C to 85°C
Storage Temperature Range .................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300
°C
LTC2901-1CGN
LTC2901-2CGN
LTC2901-1IGN
LTC2901-2IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
COMP3
COMP1
V3
V1
CRT
RST
WDO
WDI
COMP2
COMP4
V2
V4
VREF
VPG
GND
CWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com