Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-2IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2901-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-2IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2901-2IGN Datasheet HTML 8Page - Linear Technology LTC2901-2IGN Datasheet HTML 9Page - Linear Technology LTC2901-2IGN Datasheet HTML 10Page - Linear Technology LTC2901-2IGN Datasheet HTML 11Page - Linear Technology LTC2901-2IGN Datasheet HTML 12Page - Linear Technology LTC2901-2IGN Datasheet HTML 13Page - Linear Technology LTC2901-2IGN Datasheet HTML 14Page - Linear Technology LTC2901-2IGN Datasheet HTML 15Page - Linear Technology LTC2901-2IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC2901
2901is sn2901
TYPICAL APPLICATIO S
Quad Supply Monitor with LED Undervoltage Indicators
5V, 3.3V, 2.5V, 1.5V
COMP2
COMP4
V2
V4
VREF
VPG
GND
CWT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COMP3
COMP1
V3
V1
CRT
RST
WDO
WDI
SYSTEM RESET
WATCHDOG STATUS
WDI
1.5V
3.3V
5V
2.5V
R2
47.5k
1%
R1
53.6k
1%
RL2
1k
LED
LTC2901
2901 TA04
CRT
CWT
RL4
1k
LED
RL3
1k
LED
RL1
1k
LED
5V, –5V Monitor with Watchdog Timer Disabled and Unused
V2, V3 Inputs Pulled Above Trip Thresholds
COMP2
COMP4
V2
V4
VREF
VPG
GND
CWT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COMP3
COMP1
V3
V1
CRT
RST
WDO
WDI
R4
121k
1%
R3
464k
1%
SYSTEM
RESET
–5V
5V
R2
86.6k
1%
R1
16.2k
1%
LTC2901
VTRIP = –4.64V
2901 TA03
CRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com