Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-2IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2901-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-2IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2901-2IGN Datasheet HTML 7Page - Linear Technology LTC2901-2IGN Datasheet HTML 8Page - Linear Technology LTC2901-2IGN Datasheet HTML 9Page - Linear Technology LTC2901-2IGN Datasheet HTML 10Page - Linear Technology LTC2901-2IGN Datasheet HTML 11Page - Linear Technology LTC2901-2IGN Datasheet HTML 12Page - Linear Technology LTC2901-2IGN Datasheet HTML 13Page - Linear Technology LTC2901-2IGN Datasheet HTML 14Page - Linear Technology LTC2901-2IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC2901
2901is sn2901
APPLICATIO S I FOR ATIO
In a negative adjustable application, the minimum value
for R4 is limited by the sourcing capability of VREF (±1mA).
With no other load on VREF, R4 (minimum) is:
1.21V
÷ 1mA = 1.21kΩ.
Tables 2 and 3 offer suggested 1% resistor values for
various adjustable applications.
Although all four supply monitor comparators have built-
in glitch immunity, bypass capacitors on V1 and V2 are
recommended because the greater of V1 or V2 is also the
VCC for the chip. Filter capacitors on the V3 and V4 inputs
are allowed.
Power-Down
On power-down, once any of the VX inputs drop below
their threshold, RST and COMPX are held at a logic low.
A logic low of 0.4V is guaranteed until both V1 and V2
drop below 1V. If the bandgap reference becomes invalid
(VCC < 2V typ), the part will reprogram once VCC rises
above 2.4V max.
Monitor Output Rise and Fall Time Estimation
All of the outputs (RST, COMPX, WDO) have strong pull-
down capability. If the external load capacitance (CLOAD)
for a particular output is known, output fall time (10% to
90%) is estimated using:
tFALL ≈ 2.2 • RPD • CLOAD
where RPD is the on-resistance of the internal pull-down
transistor. The typical performance curve (VOL vs ISINK)
demonstrates that the pull-down current is somewhat
linear versus output voltage. Using the 25
°C curve, RPD is
estimated to be approximately 40
Ω. Assuming a 150pF
load capacitance, the fall time is about 13.2ns.
Although the outputs are considered to be “open-drain,”
they do have a weak pull-up capability (see COMPX or RST
Figure 5. Setting the Positive Adjustable Trip Point
–
+
+
– 0.5V
2901 F05
V3 OR V4
VTRIP
R3
1%
R4
1%
LTC2901
Figure 6. Setting the Negative Adjustable Trip Point
–
+
2901 F06
V4
VREF
13
12
VTRIP
R4
1%
R3
1%
LTC2901
Table 2. Suggested 1% Resistor Values for the ADJ Inputs
VSUPPLY (V)
VTRIP (V)
R3 (k
Ω)
R4 (k
Ω)
12
11.25
2150
100
10
9.4
1780
100
8
7.5
1400
100
7.5
7
1300
100
6
5.6
1020
100
5
4.725
845
100
3.3
3.055
511
100
3
2.82
464
100
2.5
2.325
365
100
1.8
1.685
237
100
1.5
1.410
182
100
1.2
1.120
124
100
1
0.933
86.6
100
0.9
0.840
68.1
100
Table 3. Suggested 1% Resistor Values for the –ADJ Input
VSUPPLY (V)
VTRIP (V)
R3 (k
Ω)
R4 (k
Ω)
–2
–1.87
187
121
–5
–4.64
464
121
–5.2
–4.87
487
121
–10
–9.31
931
121
–12
–11.30
1130
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com