Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-2IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2901-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-2IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2901-2IGN Datasheet HTML 8Page - Linear Technology LTC2901-2IGN Datasheet HTML 9Page - Linear Technology LTC2901-2IGN Datasheet HTML 10Page - Linear Technology LTC2901-2IGN Datasheet HTML 11Page - Linear Technology LTC2901-2IGN Datasheet HTML 12Page - Linear Technology LTC2901-2IGN Datasheet HTML 13Page - Linear Technology LTC2901-2IGN Datasheet HTML 14Page - Linear Technology LTC2901-2IGN Datasheet HTML 15Page - Linear Technology LTC2901-2IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC2901
2901is sn2901
APPLICATIO S I FOR ATIO
+
COMP1
COMP2
COMP3
COMP4
RST
WDO
CRT
CWT
V1
V2
V3
V4
WDI
VREF
VPG
GND
2
16
1
15
6
7
5
9
3.3V MONITOR
1.8V MONITOR
FEEDBACK MONITOR
COMMON RESET OUT
LOW LOAD INDICATOR
4
14
3
13
8
12
11
10
LTC2901-2
PGATE
VIN
SENSE–
ITH
GND
VFB
6
5
4
M1
D1
1
2
3
LTC1772
R1
28k
1%
R5
0.15
Ω
R6
10k
R3
100k
R4
80.6k
C2
47
µF
6V
VOUT
1.8V
0.5A
VIN
3.3V
L1
10
µH
R2
71.5k
1%
CRT
47nF
2901 F07
C1
10
µF
10V
C3
220pF
C1: TAIYO YUDEN CERAMIC LMK325BJ106K-T
C2: SANYO POSCAP 6TPA47M
D1: MOTOROLA MBRM120T3
L1: COILTRONICS UP1B-100
M1: Si3443DV
R5: DALE 0.25W
Burst Mode is a registered trademark of Linear Technology Corporation.
Figure 7. Monitor Input, Output, Feedback Voltage and Low Load Conditions on DC/DC Controller
TYPICAL APPLICATIO S
Quad Supply Monitor with Watchdog Timer Disabled
5V, 3V, 1.8V, 12V (ADJ)
COMP2
COMP4
V2
V4
VREF
VPG
GND
CWT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COMP3
COMP1
V3
V1
CRT
RST
WDO
WDI
R3
2.15M
1%
SYSTEM
RESET
1.8V
3V
12V
5V
CRT
R4
100k
1%
LTC2901
VTRIP = 11.25V
2901 TA02
Because 2.5V does not exist in this application, the V2
input is tied to the V1 (3.3V) input. The feedback voltage
on the LTC1772 (0.8V typ) is monitored with the adjust-
able input (V4). The RST pin will go high 216ms
(CRT = 47nF) after the 3.3V and 1.8V supplies and the
feedback voltage are above threshold. Individual input
status is available at the COMPX pins.
While the voltage monitors can detect low voltage or
shorted inputs, the watchdog circuit can be used to detect
an open circuit to the primary load. With the CWT pin
unconnected, the watchdog time-out is approximately
200
µs. At low load currents on the 1.8V supply, the
LTC1772 will go into Burst Mode
® operation. With an
open-ciruit load, the duty cycle at the gate of M1 will drop,
and the pulse spacing will exceed the watchdog time-out
period. The WDO pin will go low indicating the low load
condition. The WDO pin will return high on the next pulse
to the gate of M1. The WDO pin will remain high if the load
is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com