Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-2IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2901-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-2IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2901-2IGN Datasheet HTML 2Page - Linear Technology LTC2901-2IGN Datasheet HTML 3Page - Linear Technology LTC2901-2IGN Datasheet HTML 4Page - Linear Technology LTC2901-2IGN Datasheet HTML 5Page - Linear Technology LTC2901-2IGN Datasheet HTML 6Page - Linear Technology LTC2901-2IGN Datasheet HTML 7Page - Linear Technology LTC2901-2IGN Datasheet HTML 8Page - Linear Technology LTC2901-2IGN Datasheet HTML 9Page - Linear Technology LTC2901-2IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC2901
2901is sn2901
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Transient Duration
vs Comparator Overdrive (V1, V2)
RST Output Voltage
vs V1, VPG = 0V
Reset Time-Out Period
vs Temperature
IV2 vs Temperature
IV3 vs Temperature
IV4 vs Temperature
TEMPERATURE (
°C)
–60
0.5
0.6
0.8
0.9
1.0
1.5
1.2
–20
20
40
2901 G10
0.7
1.3
1.4
1.1
–40
0
60
80
100
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
RESET COMPARATOR OVERDRIVE VOLTAGE (% OF VRTX)
0.1
250
300
350
400
450
110
100
2901 G13
200
150
50
0
100
RESET OCCURS
ABOVE CURVE
TA = 25°C
V1 (V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
2901 G14
5
4
3
2
1
0
V1 = V2 = V3 = V4
10k PULL-UP FROM RST TO V1
TA = 25°C
TEMPERATURE (
°C)
–60 –40
34
38
36
60
80
2901 G15
32
30
–20
0
20
40
100
26
22
28
24
CWT = 1500pF
(SILVER MICA)
Watchdog Time-Out Period
vs Temperature
TEMPERATURE (
°C)
–60
0.1
0.2
0.4
0.5
0.6
1.1
0.8
–20
20
40
2901 G11
0.3
0.9
1.0
0.7
–40
0
60
80
100
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
TEMPERATURE (
°C)
–60
0
0.1
0.3
0.4
0.5
1.0
0.7
–20
20
40
2901 G12
0.2
0.8
0.9
0.6
–40
0
60
80
100
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
RESET COMPARATOR OVERDRIVE VOLTAGE (% OF VRTX)
0.1
80
100
120
140
160
1
10
100
2901 G22
60
40
20
0
200
180
220
TA = 25°C
RESET OCCURS
ABOVE CURVE
Typical Transient Duration
vs Comparator Overdrive (V3, V4)
TEMPERATURE (
°C)
–60
4.9
5.9
6.4
6.9
8.9
7.9
–20
20
40
2901 G16
5.4
8.4
7.4
–40
0
60
80
100
CRT = 1500pF
(SILVER MICA)
IV1 vs Temperature
TEMPERATURE (
°C)
–60
0
10
30
40
50
100
70
–20
20
40
2901 G09
20
80
90
60
–40
0
60
80
100
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com