Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR2.DIODE Datasheet(PDF) 10 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 10 Page - PULS GmbH

Back Button YR2.DIODE Datasheet HTML 6Page - PULS GmbH YR2.DIODE Datasheet HTML 7Page - PULS GmbH YR2.DIODE Datasheet HTML 8Page - PULS GmbH YR2.DIODE Datasheet HTML 9Page - PULS GmbH YR2.DIODE Datasheet HTML 10Page - PULS GmbH YR2.DIODE Datasheet HTML 11Page - PULS GmbH YR2.DIODE Datasheet HTML 12Page - PULS GmbH YR2.DIODE Datasheet HTML 13Page - PULS GmbH YR2.DIODE Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
10. ENVIRONMENT
Operational temperature *)
-40°C to +70°C (-40°F to 158°F)
Reduce output power above +60°C
Output de-rating
0.5A/°C
60-70°C (140°F to 158°F), see
Storage temperature
-40 to +85°C (-40°F to 185°F)
for storage and transportation
Humidity **)
5 to 95% r.H.
IEC 60068-2-30
Vibration sinusoidal ***)
2-17.8Hz: ±1.6mm
17.8-500Hz: g
2 hours / axis
IEC 60068-2-6
Shock ***)
30g 6ms, 20g 11ms
3 bumps / direction
18 bumps in total
IEC 60068-2-27
Altitude
0 to 2000m (0 to 6 560ft)
without any restrictions
2000 to 6000m (6 560 to 20 000ft)
reduce output power or ambient temperature,
see Fig. 10-2
Altitude de-rating
1.25A/1000m or 5°C/1000m
> 2000m (6500ft), see Fig. 10-2
Over-voltage category
not applicable
The concept of the overvoltage category is
used for equipment energized directly from
the low voltage mains (IEC 60664-1 §4.3.3.2.1).
Degree of pollution
2
IEC 62103, EN 50178, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
**) Do not energize while condensation is present
***) Tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and standard mounting
orientation.
Fig. 10-1 Output current vs. ambient temp.
Fig. 10-2 Output current vs. altitude
Allowed Output Current
0
-40
0
20
40
70°C
5
10
15
20
25
30A
60
-25
normal mode
at overload / short circuit
Ambient Temperature
Allowed Output Current
0
0
2000
4000
6000m
5
10
15
20
25
30A
normal mode
Altitude
overload / short circuit
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
A
B
C
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com