Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR2.DIODE Datasheet(PDF) 11 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 11 Page - PULS GmbH

Back Button YR2.DIODE Datasheet HTML 7Page - PULS GmbH YR2.DIODE Datasheet HTML 8Page - PULS GmbH YR2.DIODE Datasheet HTML 9Page - PULS GmbH YR2.DIODE Datasheet HTML 10Page - PULS GmbH YR2.DIODE Datasheet HTML 11Page - PULS GmbH YR2.DIODE Datasheet HTML 12Page - PULS GmbH YR2.DIODE Datasheet HTML 13Page - PULS GmbH YR2.DIODE Datasheet HTML 14Page - PULS GmbH YR2.DIODE Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
11. PROTECTION FEATURES
Output over-current protection
not included
Reverse input polarity protection included
unit does not start when input voltage is reversed
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.6mm
e.g. screws, small parts
Over-temperature protection
not included
Input transient protection
not included
Output transient protection
included
see EMC section
Internal input fuse
not included
12. SAFETY FEATURES
Input / output separation
no galvanic separation
200V epitaxial diode between input and output
Safety level of output voltage
The output voltage is regarded to be SELV (EN 60950-1) or PELV (EN 60204-1, EN
50178, IEC 60364-4-41) if the input voltage fulfills the requirements for a SELV
source or PELV source.
Class of protection
III
PE (Protective Earth) or chassis connection not required
PE resistance
< 0.1Ohm
between housing and chassis-ground terminal
13. DIELECTRIC STRENGTH
The input and output voltages have the same reference, are floating and have no ohmic connection to ground.
Type and factory tests are conducted by the manufacturer. Field tests may be conducted in the field using the
appropriate test equipment which applies the voltage with a slow ramp (2s up and 2s down). Connect input/output
terminals together before conducting the test.
When testing, set the cut-off current settings to the value in the table below.
Fig. 13-1 Dielectric strength
A
Type test
60s
500Vac
Factory test
5s
500Vac
11/19
Field test
5s
500Vac
Cut-off current setting
> 2mA
A
Chassis
In- / Output
-
+
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com