Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR2.DIODE Datasheet(PDF) 18 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 18 Page - PULS GmbH

Back Button YR2.DIODE Datasheet HTML 11Page - PULS GmbH YR2.DIODE Datasheet HTML 12Page - PULS GmbH YR2.DIODE Datasheet HTML 13Page - PULS GmbH YR2.DIODE Datasheet HTML 14Page - PULS GmbH YR2.DIODE Datasheet HTML 15Page - PULS GmbH YR2.DIODE Datasheet HTML 16Page - PULS GmbH YR2.DIODE Datasheet HTML 17Page - PULS GmbH YR2.DIODE Datasheet HTML 18Page - PULS GmbH YR2.DIODE Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
17.7. EXAMPLE: DECOUPLING OF BRANCHES
Buffer energy supplied from a DC-UPS or buffer module is not wasted in “power branches”.
Please note:
Set output voltage of the power supply to a level that the buffer unit or DC-UPS will not start unexpected. Take the
voltage drop of the YR2.DIODE into account.
Fig. 17-5 Wiring diagram, decoupling of buffered branches
Buffered
Load
e.g.
Controller
optional
I
I
I
L1
L2
PE
L3
Load
e.g. Motor
Buffer
Module
+
-
Failure
Monitor
YR2.Diode
Redundancy
Module
+
-
OUT
+
-
IN 1
+
-
IN 2
L1 L2 L3 PE
+ +
- -
QT20.241
Power
Supply
Adj
Overload
DCok
24V,20A
Note: Use separate mains systems for each power supply whenever it is possible
17.8. USE IN A TIGHTLY SEALED ENCLOSURE
When the redundancy module is installed in a tightly sealed enclosure, the temperature inside the enclosure will be
higher than outside. The inside temperature defines the ambient temperature for the redundancy module.
Results from such an installation:
Power supply is placed in the middle of the box, no other heat producer inside the box
Enclosure:
Rittal Typ IP66 Box PK 9516 100, plastic, 110x180x165mm
Load:
24V, 16A; (=80%) load is placed outside the box
Input:
24Vdc
Temperature inside enclosure:
57.8°C (in the middle of the right side of the power supply with a distance of 2cm)
Temperature outside enclosure: 24.6°C
Temperature rise:
33.2K
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com