Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR2.DIODE Datasheet(PDF) 1 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 1 Page - PULS GmbH

  YR2.DIODE Datasheet HTML 1Page - PULS GmbH YR2.DIODE Datasheet HTML 2Page - PULS GmbH YR2.DIODE Datasheet HTML 3Page - PULS GmbH YR2.DIODE Datasheet HTML 4Page - PULS GmbH YR2.DIODE Datasheet HTML 5Page - PULS GmbH YR2.DIODE Datasheet HTML 6Page - PULS GmbH YR2.DIODE Datasheet HTML 7Page - PULS GmbH YR2.DIODE Datasheet HTML 8Page - PULS GmbH YR2.DIODE Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
REDUNDANCY MODULE
Cost Effective Solution to Build Redundant Systems
Dual Input with Single Output
Two Diodes (Common Cathode)
DC12-48V (120V) ±25% Wide-range Input
Full Power Between -40°C and +60°C
Width only 32mm
Rugged Metal Housing
Quick-connect Spring-clamp Terminals
Easy Wiring:
Distribution Terminal for Negative Pole Included
3 Year Warranty
1/19
GENERAL DESCRIPTION
The YR2.DIODE is a redundancy module, which can be
used to build 1+1 and N+1 redundant systems. It is
equipped with two input channels, which can be
connected to power supplies with up to 10A output
current and one output, which can carry nominal
currents up to 20A. The module is suitable for power
supplies with constant current overload behavior as well
as any kind of “Hiccup” overload behavior.
The YR2.DIODE is the perfect solution to use in a
redundant system, if the power supply itself is equipped
with a DC-OK signal (e.g.: DIMENSION Q-Series). In
addition to the YR2.DIODE is the YRM2.DIODE which
has a monitoring circuitry included. LEDs and relay
contacts signal when one of the two DC-input voltages
is not in range due to a non-functioning power supply.
Another interesting application for this diode module is
to separate sensitive loads from non-sensitive loads. This
avoids the distortion of the power quality for the
sensitive loads which can cause controller failures.
Unique quick-connect spring-clamp terminals allow a
safe and fast installation and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Input voltage
DC 12-48V ±25%
DC 12-120V ±25%
w/o restrictions
with restrictions
Input voltage
range
9-60Vdc
9-150Vdc
w/o restrictions
with restrictions
Input current
2x 0-10A
continuous
2x 0-16A
for 5 seconds
Output current
0-20A
continuous
20-32A
for 5 seconds
25A
at cont. overload/
short circuit
Input to output
voltage drop
typ. 0.78V
typ. 0.85V
typ. 0.85V
input: 2x5A
input: 1x10A
input: 2x10A
Power losses
typ. 0W
at no load
typ. 7.8W
input: 2x5A
typ. 8.5W
input: 1x10A
typ. 17W
input: 2x10A
Temperature range -40°C to +70°C
operational,
Derating
0.5A/°C
+60 to +70°C
Dimensions
32x124x102mm
WxHxD
ORDER NUMBERS
Redundancy
YR2.DIODE
12-48V (120V)
Module
Standard unit
Accessory
ZM1.WALL
Wall/ panel mount
bracket
ZM11.SIDE
Side mount bracket
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
IECEx
ATEX
II 3G Ex nA IIC T4 Gc
Marine
EMC, LVD
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - YR2.DIODE

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
12-28V, 20A, DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
24-28V, 20A, DUAL REDUNDANCY MODULE
logo
List of Unclassifed Man...
YR290-B7018 ETC2-YR290-B7018 Datasheet
922Kb / 2P
High-Density 2U dual-socket SMP server implementation
YR292-B5538 ETC2-YR292-B5538 Datasheet
1Mb / 2P
2U High-Density and Power-Efficient Platform for VHD/VDI Applications
More results

Similar Description - YR2.DIODE

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
MLY02.100 PULS-MLY02.100 Datasheet
461Kb / 16P
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
DUAL REDUNDANCY MODULE
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
DUAL REDUNDANCY MODULE
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
12-28V, 20A, DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
24-28V, 20A, DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com