Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR2.DIODE Datasheet(PDF) 14 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 14 Page - PULS GmbH

Back Button YR2.DIODE Datasheet HTML 10Page - PULS GmbH YR2.DIODE Datasheet HTML 11Page - PULS GmbH YR2.DIODE Datasheet HTML 12Page - PULS GmbH YR2.DIODE Datasheet HTML 13Page - PULS GmbH YR2.DIODE Datasheet HTML 14Page - PULS GmbH YR2.DIODE Datasheet HTML 15Page - PULS GmbH YR2.DIODE Datasheet HTML 16Page - PULS GmbH YR2.DIODE Datasheet HTML 17Page - PULS GmbH YR2.DIODE Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
16. ACCESSORIES
ZM1.WALL Wall mounting bracket
This standard bracket is used to mount the YR40 redundancy module onto a flat surface without utilizing a DIN-Rail.
Fig. 16-1 ZM1.WALL Wall mounting bracket
Fig. 16-2 Assembled wall mounting bracket
ZM11.SIDE Side mounting bracket
This bracket is used to mount the YR80 redundancy module sideways with or without utilizing a DIN-Rail.
The two aluminum brackets and the black plastic slider of the unit have to be detached, so that the steel brackets can
be mounted.
For sideway DIN-rail mounting, the removed aluminum brackets and the black plastic slider need to be mounted on
the steel bracket.
Fig. 16-3
ZM11.SIDE Side mounting bracket
Fig. 16-4
Side mounting with DIN-rail brackets
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
14/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com