Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR2.DIODE Datasheet(PDF) 5 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 5 Page - PULS GmbH

  YR2.DIODE Datasheet HTML 1Page - PULS GmbH YR2.DIODE Datasheet HTML 2Page - PULS GmbH YR2.DIODE Datasheet HTML 3Page - PULS GmbH YR2.DIODE Datasheet HTML 4Page - PULS GmbH YR2.DIODE Datasheet HTML 5Page - PULS GmbH YR2.DIODE Datasheet HTML 6Page - PULS GmbH YR2.DIODE Datasheet HTML 7Page - PULS GmbH YR2.DIODE Datasheet HTML 8Page - PULS GmbH YR2.DIODE Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
Fig. 3-2 Input to output voltage drop when both inputs draw current
(typical 1+1 redundant case, when the output voltages of the two units are equal or set into “parallel use” mode)
Voltage Drop, typ.
0mV
200mV
400mV
600mV
800mV
1000mV
5A
15A
20A
10A
Output:
2x5A
2x2.5A
Input:
2x10A
2x7.5A
0
0
Input, Output Current
A... 25°C
B... 60°C
A
B
V
A
QS/QT10
24V,10A
+
-
QS/QT10
24V,10A
+
-
V
A
I1
I2
U1
U2
I1
I2
=
U2
U1 =
Voltage Drop
U1
=
UOUT
-
Output
A
V
IOUT
UOUT
Variable
Load,
0-20A
YR2 / YRM2
Input 1
Input 2
Output
Fig. 3-3 Input to output voltage drop when only one input draws current
Voltage Drop
U1
=
UOUT
-
Not used or
power supply
with lower
voltage
V
A
QS/QT20
24V,20A
+
-
I1
U1
Output
A
V
IOUT
UOUT
Variable
Load,
0-20A
Input 1
Input 2
Output
YR2 / YRM2
Voltage Drop, typ.
0mV
200mV
400mV
600mV
800mV
1000mV
5A
15A
20A
10A
0
Output Current
A... 25°C
B... 60°C
A
B
4. POWER LOSSES
DC 24V
Power losses
typ.
7.8W
input: 2x5A
typ.
8.5W
input: 1x10A
typ.
17.0W
input: 2x10A
Standby power losses
typ.
0W
at no output current
Fig. 4-1 Power losses
Power Losses, typ.
0
0
5
10
20
4
8
12
16
20
24W
25A
15
Output Current
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com