Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR2.DIODE Datasheet(PDF) 4 Page - PULS GmbH

Part # YR2.DIODE
Description  DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR2.DIODE Datasheet(HTML) 4 Page - PULS GmbH

  YR2.DIODE Datasheet HTML 1Page - PULS GmbH YR2.DIODE Datasheet HTML 2Page - PULS GmbH YR2.DIODE Datasheet HTML 3Page - PULS GmbH YR2.DIODE Datasheet HTML 4Page - PULS GmbH YR2.DIODE Datasheet HTML 5Page - PULS GmbH YR2.DIODE Datasheet HTML 6Page - PULS GmbH YR2.DIODE Datasheet HTML 7Page - PULS GmbH YR2.DIODE Datasheet HTML 8Page - PULS GmbH YR2.DIODE Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
YR2.DIODE
Y-Series
DC12-48V (120V), 20A, DUAL REDUNDANCY MODULE
3. INPUT AND OUTPUT CHARACTERISTICS
Number of inputs
-
2
Number of outputs
-
1
Input voltage
nom.
DC 12-48V ±25%
The input circuitry must meet the SELV requirements
stipulated by IEC/EN/UL 60950-1.
Input voltage range
-
9-60Vdc
Input voltage with restrictions
nom.
DC 12-120V ±25%
See note 3 on bottom of the table
Input voltage range
with restrictions
-
9-150Vdc
Restrictions apply, see note 3 on bottom of the table.
at 2x5A, see Fig. 3-2
Voltage drop, input to output
typ.
0.78V
typ.
0.85V
at 1x10A, see Fig. 3-3
typ.
0.85V
at 2x10A, see Fig. 3-2
Input current
nom.
2x 0-10A
continuous
nom.
1x 0-20A
continuous, see note 1
nom.
2x 10-16A
for 5 seconds
Peak input current
max.
150A
for maximal 10ms per input
Output current
nom.
20A
continuous
nom.
20-32A
for 5 seconds
max.
25A
at continuous overload or short circuit, see note 2
Reverse current
max.
2mA
per input, -40°C to +60°C
Reverse voltage
max.
200Vdc
voltage applied to the output, continuously allowed
Note 1:
Each input can be loaded up to 20A. At currents above 10A, the other input should not be loaded. It is preferable to parallel the two
inputs in order to minimize the power loss in such cases.
Note 2:
Ensure that the continuous output current does not exceed 25A. Check the short-circuit current of the power sources and if the
power source can deliver more than 25A together, use an appropriate fuse on the output.
Note 3:
The redundancy module can be used with input voltages up to 150Vdc with the constraint, that it can be used only as a single input
module at voltages above 60Vdc. Both inputs need to be connected together as shown in Fig. 3-1. Ensure proper means to protect
against touching this voltage.
Fig. 3-1 Restrictions for utilizing voltages between 60 and 150Vdc (See also Note 3)
AC
DC (>60V)
+
-
Load
>60V
+
-
Power Supply
Power Supply
Diode Module
+
-
+
+
-
-
AC
DC (>60V)
+
-
AC
DC (>60V)
+
-
Load
>60V
+
-
Power Supply
Diode Module
+
-
+
+
-
-
Diode Module
+
-
+
+
-
-
AC
DC (>60V)
+
-
Power Supply
Apr. 2014 / Rev. 1.4 DS-YR2.DIODE-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com