Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466294-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  466294-2 Datasheet HTML 1Page - TE Connectivity Ltd 466294-2 Datasheet HTML 2Page - TE Connectivity Ltd 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
114-1008
Rev K1
2 of 11
2.3. Drawings
Customer Drawings for product part numbers are available from the service network. If there is a conflict
between the information contained in the Customer Drawings and this specification or with any other technical
documentation supplied, the information contained in the Customer Drawings takes priority.
2.4. Specifications
Product specifications (108-series) provides product performance and test results. Specifications available for
this product are:
108-1025
.058 Diameter PC Board Disconnect System
108-1059
.093 Diameter PC Board Disconnect System
2.5. Instructional Material
Instruction sheets (408-series) provide product assembly instructions or tool setup and operation procedures.
Instruction sheets available that pertain to this product are:
408-7345
Hand Crimping Tool 90135-2
408-7698
Hand Crimping Tool 90314-1
408-7850
Hand Crimping Tool 90131-4
408-7914
Hand Crimping Tool 90205-2
408-7951
Hand Crimping Tool 90204-4
408-7963
Application and Maintenance for Hand Crimping Tool 90221-2
408-8025
Miniature Quick-Change Applicator (Side Feed Type)
408-8039
Heavy Duty Miniature Quick-Change Applicators (End-Feed Type) with Mechanical or Air
Feed Systems
408-8040
Heavy Duty Miniature Quick-Change Applicators (Side-Feed Type) with Mechanical or Air
Feed Systems
409-5128
AMP-O-LECTRIC*
Model “K” Terminating Machines 471273-[ ]
409-5842
AMP-O-
LECTRIC Model “G” Terminating Machines 354500-[ ]
409-10047 AMP 3K* Terminating Machines 1725950-[ ] and AMP 5K* Terminating Machines 1725900-[ ]
409-10089 AccuSerter 2 Insertion Machines 1976500-[ ]
409-10093 Pin-Barrel Insertion Module 2031100-1
409-10204 AMP 3K/40* 2161400-[ ] CE Terminating Machines and AMP 5K/40* 216500-[ ] CE
Terminating Machines
3. REQUIREMENTS
3.1. Safety
Do not stack product shipping containers so high that the containers buckle or deform.
3.2. Storage
Ultraviolet Light
Prolonged exposure to ultraviolet light may deteriorate the chemical composition used in the product
material.
Shelf Life
The product should remain in the shipping containers until ready for use to prevent deformation to
components. The product should be used on a first in, first out basis to avoid storage contamination that
could adversely affect performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com