Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466294-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  466294-2 Datasheet HTML 1Page - TE Connectivity Ltd 466294-2 Datasheet HTML 2Page - TE Connectivity Ltd 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
114-1008
Rev K1
3 of 11
Chemical Exposure
Do not store product near any chemical listed below as they may cause stress corrosion cracking in the
material.
Alkalies
Ammonia
Citrates
Phosphates Citrates
Sulfur Compounds
Amines
Carbonates
Nitrites
Sulfur Nitrites
Tartrates
3.3. PC Board
The pc board thickness and placement of the holes must meet the dimensions given in Figure 2.
PIN
PC BOARD
DESCRIPTION DIAMETER TYPE
DIMENSION
THICKNESS
HOLE DIAMETER
DIMENSION
Z
W
X
Y
Press Fit
.058
A
09.14 [.360]
5.33 [.210]
2.41 [.095]
1.588 [.0625]
or
2.380 [.0937]
1.17-1.27 [.046-.050]
3.18 [.125]
Min
12.32 [.485]
09.14 [.360]
5.33 [.210]
2.41 [.095]
1.47-1.57 [.058-.062]
1.68-1.78 [.066-.070]
B
09.14 [.360]
5.33 [.210]
2.41 [.095]
1.588 [.0625]
or
2.380 [.0937]
1.17-1.27 [.046-.050]
Clinch Fit
.058
C
07.87 [.310]
5.33 [.210]
2.41 [.095]
1.588 [.0625]
1.40-1.55 [.055-.061]
4.44 [.175]
1.70-1.85 [.067-.073]
D
07.87 [.310]
5.33 [.210]
2.41 [.095]
1.588 [.0625]
1.17-1.27 [.046-.050]
4.44 [.175]
001.19 [.047]
1.40-1.55 [.055-.061]
5.08 [.200]
.093
E
10.41 [.410]
7.75 [.305]
2.92 [.115]
1.588 [.0625]
1.70-1.85 [.067-.073]
4.44 [.175]
Figure 2
Note: Not to Scale
Press-Fit Pin
Z
Z
PC Board Layout
W
X
Y
Clinch Fit Pin
W
X
Y
Type A
Type B
Type D
Type E
Type C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com