Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466294-2 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd 466294-2 Datasheet HTML 10Page - TE Connectivity Ltd 466294-2 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
114-1008
Rev K1
11 of 11
6. VISUAL AID
The illustration below shows a typical application of .058 and .093 diameter pc board pins and disconnect
receptacle contacts. This illustration should be used by production personnel to ensure a correctly applied
product. Applications which do not appear correct should be inspected using the information in the preceding
pages of this specification and in the instructional material shipped with the product or tooling.
FIGURE 11. VISUAL AID
WIRE BARREL SEAM MUST BE CLOSED
AND CONTAIN ALL WIRE STRANDS
WIRE INSULATION MUST NOT
ENTER WIRE BARREL
FRONT AND REAR BELLMOUTHS MUST BE VISIBLE
AND MEET DIMENSIONAL REQUIREMENTS
BOTH WIRE CONDUCTORS AND INSULATION MUST BE
BETWEEN INSULATION BARREL AND WIRE BARREL
CUTOFF TAB AND BURR MUST MEET
DIMENSIONAL REQUIREMENTS
END OF WIRE MUST BE FLUSH WITH OR EXTEND
SLIGHTLY BEYOND FRONT OF WIRE BARREL
THERE MUST BE NO
DAMAGE TO MATING END
RECEPTACLE CONTACT CRIMP
WIRE BARREL AND INSULATION BARREL
CRIMP HEIGHT AND WIDTH MUST MEET
DIMENSIONAL REQUIREMENTS
WIRE BARREL FLASH MUST MEET
DIMENSIONAL REQUIREMENTS
RECEPTACLE CONTACT MUST
BE STRAIGHT WITHIN BEND
ALLOWANCE
CLINCH PIN
LEG PROTRUSION AND
WIDTH OF LEGS MUST
MEET REQUIREMENTS
PIN MUST NOT BE
LOOSE NOR ROTATE
PRESS FIT PIN
BEAD MUST BE
IN CONTACT WITH PC BOARD
PIN MUST BE
PERPENDICULAR
TO PC BOARD BY
NO MORE THAN 5°
SOLDER FILLETS MUST
BE EVENLY FORMED
AROUND EACH LEG
LEG PROTRUSION MUST
MEET REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com