Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466294-2 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 466294-2 Datasheet HTML 2Page - TE Connectivity Ltd 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd 466294-2 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
114-1008
Rev K1
6 of 11
3.6. Wire Selection and Preparation
The receptacle contacts accept a stranded wire size range of 28 to 17 AWG and tinsel wire with an insulation
diameter between 0.81 and 2.79 [.032 and .110].
The wire strip length must be between 3.56 and 0.39 [.140 and.0155]. Reasonable care must be taken during
the stripping operation to ensure the wire is not nicked, scraped, or cut.
3.7. Crimp Requirements
The receptacle contact must be crimped to the wire according to instructions packaged with applicable tooling.
Cutoff Tab and Burr
The cutoff tab and burr must not exceed the dimension given in Figure 8.
Wire Barrel and Insulation Barrel Crimp
The wire barrel flash, wire barrel crimp height (not including flash) and width, and insulation barrel crimp
height and width must not exceed the dimensions given in Figure 8.
Wire Conductors and Insulation Location
The wire insulation must not enter the wire barrel. Both the wire conductors and insulation must be visible
between the insulation barrel and wire barrel. The end of the wire conductors must be flush with or extend
no further than the front of the wire barrel to meet the dimension given in Figure 8.
Bellmouths
The front and rear bellmouths must not exceed the dimensions given in Figure 8.
Figure 8
(Cont’d)
Wire Barrel Seam Closed and
Containing All Wire Strands
Wire Insulation Does Not Enter Wire Barrel
0.51 [.020] (Max)
Front Bellmouth
0.13-0.51 [.005-.020]
Rear Bellmouth
Both Wire Conductors and Insulation
between Insulation Barrel and Wire Barrel
0.38 [.015] (Max) Cutoff Tab
0.25 [.010] (Max) Burr
End of Wire Conductors Flush with or Extends
0.64 [.025] Beyond Front of Wire Barrel
X
X
0.25 [.010] (Max)
Wire Barrel Flash
Detail X-X
Wire Barrel Crimp
Height (See Table)
Wire Barrel Crimp
Width (See Table)
No Damage to Mating End
Crimp Requirements
L
3.94 [.155]
(.058 Diameter)
6.48 [.255]
(.093 Diameter)
L
L
L
3.94 [.155]
4.06 [.160]
3.94 [.155]
Type A
Type B
Type C
Type D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com