Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466294-2 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd 466294-2 Datasheet HTML 10Page - TE Connectivity Ltd 466294-2 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
114-1008
Rev K1
9 of 11
Figure 9
5.2. Applicators
Each applicator is designed to crimp tape-mounted receptacle contacts onto pre-stripped wire, and provides for
high volume, heavy-duty production requirements. The applicator must be installed onto a power unit.
5.3. Power Units
These power units provide the force required to drive the applicator.
5.4. Insertion Tooling
The hand insertion tool is designed to insert a single pin into the pc board.
The insertion machine is a computer
–controlled automatic X–Y positioner that positions the pc board so that
pins can be inserted using an insertion module.
Figure 10
(Cont’d)
Datum Line
Datum Line
8
° Max
8
° Max
5
° Max
10
° Max
Up-and-Down Bend
Side-to-Side Bend
Insertion Tool
689141-1
AccuSerter 2 Insertion Machines
1976500-[ ] (409-10089) with
Pin-Barrel Insertion Module
2031100-1 (409-10093)
AMP 3K/40 2161400-[ ]
CE Terminating Machines
and AMP 5K/40 216500-[ ]
CE Terminating Machines
(409-10204)
AMP 3K Terminating
Machines 1725950-[ ] and
AMP 5K Terminating
Machines 1725900-[ ]
(409-10047)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com