Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466294-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  466294-2 Datasheet HTML 1Page - TE Connectivity Ltd 466294-2 Datasheet HTML 2Page - TE Connectivity Ltd 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
© 2016 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
Application Specification
114-1008
16 DEC 16
Rev K1
NOTE
All numerical values are in metric units [with U.S. customary units in brackets]. Dimensions are in millimeters [and inches].
Unless otherwise specified, dimensions have a tolerance of ±0.13 [±.005] and angles have a tolerance of ±2°. Figures and
illustrations are for identification only and are not drawn to scale.
1. INTRODUCTION
This specification covers the requirements for application of .058 and .093 diameter pc board pins and
disconnect receptacle contacts. The pins are available in solid or formed press-fit and clinch fit. The pins
feature a pin body, bead, and cutoff tab. The bead ensures proper insertion depth of the pin when inserted into
the pc board. The clinch fit pin has legs that clinch the pc board for stability. The receptacle contact features a
wire barrel with serrations, insulation barrel, and mating barrel. The pin must be soldered to the pc board and
the receptacle contact must be crimped onto wire. The pin and receptacle contact mates for quick disconnect of
single-circuit wire-to-board connections.
The pins and receptacle contacts are available in loose pieces for application using hand tools and strip form
for application using semi-automatic and automatic machines.
When corresponding with personnel, use the terminology provided in this specification to facilitate inquiries for
information. Basic terms and features of this product are provided in Figure 1.
Figure 1
2. REFERENCE MATERIAL
2.1. Revision Summary
Revisions to this application specification include:
Updated specification to corporate requirements
Added“max” todimensionforfrontbellmouth
, and corrected wire sizes in Paragraph 3.6
Modified documents in Paragraph 2.5, and modified tooling in Section 5
2.2. Customer Assistance
Reference Product Base Part Number 61137 and Product Code 1330 are representative of .058 and .093
diameter pc board pins and disconnect receptacle contacts. Use of these numbers will identify the product line
and help you to obtain product and tooling information. Such information can be obtained through a local
Representative, by visiting our website at www.te.com, or by calling PRODUCT INFORMATION or the
TOOLING ASSISTANCE CENTER at the numbers at the bottom of this page.
.058 and .093 Diameter
Printed Circuit (PC) Board Pins and
Disconnect Receptacle Contacts
Receptacle Contact
Press-Fit Pin
Pin Body
Clinch Fit Pin
Bead
Insulation
Barrel
Wire Barrel
with Serrations
Mating
Barrel
Wire Barrel
with Serrations
Cutoff Tab
Legs


Similar Part No. - 466294-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4662 ETC-4662 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
VISATON GmbH & Co. KG
4662 VISATON-4662 Datasheet
418Kb / 5P
Zubehör / Accessories
logo
Adafruit Industries
4662 ADAFRUIT-4662 Datasheet
337Kb / 1P
T-Connector For Silicone Tubing - 5 Pack
9-8-20
logo
Bourns Electronic Solut...
4662-RC BOURNS-4662-RC Datasheet
108Kb / 1P
Varnished Chokes
4662-RC BOURNS-4662-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
More results

Similar Description - 466294-2

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
2956-0-00-XX-00-00-03-0 MILL-MAX-2956-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
PRINTED CIRCUIT PINS
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
PRINTED CIRCUIT PINS
0259-0-00-01-00-00-03-0 MILL-MAX-0259-0-00-01-00-00-03-0 Datasheet
79Kb / 1P
PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
182M MILL-MAX-182M Datasheet
287Kb / 1P
PRINTED CIRCUIT PINS
182N MILL-MAX-182N Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
0272-0-01-34-00-00-03-0 MILL-MAX-0272-0-01-34-00-00-03-0 Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
PRINTED CIRCUIT PINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com