Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466294-2 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 466294-2
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

466294-2 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  466294-2 Datasheet HTML 1Page - TE Connectivity Ltd 466294-2 Datasheet HTML 2Page - TE Connectivity Ltd 466294-2 Datasheet HTML 3Page - TE Connectivity Ltd 466294-2 Datasheet HTML 4Page - TE Connectivity Ltd 466294-2 Datasheet HTML 5Page - TE Connectivity Ltd 466294-2 Datasheet HTML 6Page - TE Connectivity Ltd 466294-2 Datasheet HTML 7Page - TE Connectivity Ltd 466294-2 Datasheet HTML 8Page - TE Connectivity Ltd 466294-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
114-1008
Rev K1
4 of 11
3.4. Soldering
Guidelines
The pins can be soldered using wave soldering techniques. The temperatures and exposure time must be
within the ranges specified in Figure 3.
SOLDERING PROCESS
TEMPERATURE
TIME (At Max Temperature)
Wave
260°C [500°F]
5 Seconds
Figure 3
Flux Selection
Pins must be fluxed prior to soldering with a mildly-active, rosin base flux. Selection of the flux will depend
on the type of pc board and other components mounted on the board. Additionally, the flux must be
compatible with the wave solder line, manufacturing, health, and safety requirements. Fluxes that are
compatible with these pins are provided in Figure 4.
TYPE
ACTIVITY
RESIDUE
COMMERCIAL DESIGNATION
ALPHA
KESTER
RMA
Mild
Noncorrosive
611
186
Figure 4
Cleaning
After soldering, removal of fluxes, residues, and activators is necessary. Consult with the supplier of the
solder and flux for recommended cleaning solvents. Common cleaning solvents with times and
temperatures that will not affect these pins are specified in Figure 5.
CLEANER
TIME
(Minutes)
TEMPERATURE
(Max)
NAME
TYPE
ALPHA 2110
Aqueous
1
132°C [270°F]
BIOACT EC-7
Solvent
5
100°C [212°F]
Butyl CARBITOL
Solvent
1
Ambient Room
Isopropyl Alcohol
Solvent
5
100°C [212°F]
KESTER 5778
Aqueous
KESTER 5779
Aqueous
LONCOTERGE 520
Aqueous
LONCOTERGE 530
Aqueous
Terpene
Solvent
Figure 5
NOTE
If a particular cleaning solvent is not listed, contact PRODUCT INFORMATION at the number at the bottom of page 1 for
advice.
DANGER
Consideration must be given to toxicity and other safety requirements recommended by the solvent manufacturer. Refer to the
manufacturer's material safety data sheet (MSDS) for characteristics and handling of cleaners. Trichloroethylene and
methylene chloride is not recommended because of harmful occupational and environmental effects. Both are carcinogenic
(cancer-causing).
ALPHA, BIOACT, CARBITOL, KESTER, and LONCOTERGE are trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com