Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 5Page - Texas Instruments THS4304DBVT Datasheet HTML 6Page - Texas Instruments THS4304DBVT Datasheet HTML 7Page - Texas Instruments THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments THS4304DBVT Datasheet HTML 10Page - Texas Instruments THS4304DBVT Datasheet HTML 11Page - Texas Instruments THS4304DBVT Datasheet HTML 12Page - Texas Instruments THS4304DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (5 V)
−4
−3
−2
−1
0
1
2
3
4
5
6
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
VO = 100 mVPP
VO = 200 mVPP
VO = 400 mVPP
VO = 800 mVPP
3 GHz
Gain = 1,
RL = 100 Ω,
VS = 5 V
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
G = 10
G = 5
G = 2
G = 1, RF = 0 Ω
RF = 249 Ω,
RL = 100 Ω,
VO = 100 mVPP
VS = 5 V
0
1
2
3
4
5
6
7
8
9
10
1 M
10 M
100 M
1 G
10 G
CF = 0 pF
CF = 0.5 pF
CF = 1 pF
1 GHz
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
VO = 100 mVPP,
VS = 5 V
f − Frequency − Hz
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RF = 249 Ω,
RL = 100 Ω,
VO = 1 VPP,
VS = 5 V
90 MHz
200 MHz
480 MHz
560 MHz
RF = 0 Ω
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
1 M
10 M
100 M
1 G
10 G
87 MHz
RF = 249 Ω,
RL = 100 Ω,
VO = 2 VPP,
VS = 5 V
175 MHz
240 MHz
290 MHz
f − Frequency − Hz
RF = 0 Ω
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
CF = 0.5 pF,
RL = 100 Ω,
VO = 100 mVPP,
VS = 5 V
300 MHz
−100
−80
−60
−40
−20
0
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
VO = 100 mVPP,
VS = 5 V
S21
S22
S11
S12
0
1
2
3
4
5
6
7
8
9
10
1 M
10 M
100 M
1 G
10 G
SOIC
SOT-23
MSOP
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
VO = 100 mVPP,
VS = 5 V
−110
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RF = 249 Ω
VO = 2 VPP
VS = 5 V
MSOP RL = 100 Ω
SOT-23 RL = 100 Ω
MSOP and SOT-23 RL = 499 to 1 k Ω
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
0.1-dB FLATNESS
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
S-PARAMETERS
2ND HARMONIC DISTORTION
FREQUENCY RESPONSE
vs
vs
BY PACKAGE
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com