Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments THS4304DBVT Datasheet HTML 10Page - Texas Instruments THS4304DBVT Datasheet HTML 11Page - Texas Instruments THS4304DBVT Datasheet HTML 12Page - Texas Instruments THS4304DBVT Datasheet HTML 13Page - Texas Instruments THS4304DBVT Datasheet HTML 14Page - Texas Instruments THS4304DBVT Datasheet HTML 15Page - Texas Instruments THS4304DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.ti.com
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
t − Time − ns
Gain = 2
RL = 100 Ω
RF = 249 Ω
VS = 5 V
Input
Output
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
t − Time −
µs
Gain = 2
RL = 100 Ω
RF = 249 Ω
VS = 5 V
Input
Output
1
1.5
2
2.5
3
3.5
4
0
1
2
3
4
5
6
7
t − Time − ns
Gain = 2
RL = 100 Ω
RF = 249 Ω
VS = 5 V
0.01
0.1
1
10
100
1 k
10 k
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
VS = 5 V
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
TYPICAL CHARACTERISTICS (5 V) (continued)
LARGE-SIGNAL
OVERDRIVE
TRANSIENT RESPONSE
SETTLING TIME
RECOVERY TIME
Figure 28.
Figure 29.
Figure 30.
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 31.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com