Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 13Page - Texas Instruments THS4304DBVT Datasheet HTML 14Page - Texas Instruments THS4304DBVT Datasheet HTML 15Page - Texas Instruments THS4304DBVT Datasheet HTML 16Page - Texas Instruments THS4304DBVT Datasheet HTML 17Page - Texas Instruments THS4304DBVT Datasheet HTML 18Page - Texas Instruments THS4304DBVT Datasheet HTML 19Page - Texas Instruments THS4304DBVT Datasheet HTML 20Page - Texas Instruments THS4304DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ti.com
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
APPLICATION INFORMATION (continued)
EVM BILL OF MATERIALS
THS4304 EVM(1)
SMD
Reference
PCB
Manufacturer's
Distributor's
Item
Description
Size
Designator
Quantity
Part Number
Part Number
1
FB1, FB2
2
(STEWARD)
(DIGI-KEY)
Bead, ferrite, 3-A, 80-
Ω
1206
HI1206N800R-00
240-1010-1-ND
2
Capacitor, 3.3-µF, Ceramic
1206
C1, C2
2
(AVX) 1206YG335ZAT2A
(GARRETT)
1206YG335ZAT2A
3
Capacitor, 0.1-µF, Ceramic
0603
C4, C5
2
(AVX) 0603YC104KAT2A
(GARRETT)
0603YC104KAT2A
4
Open
0603
C3, C6(2)
2
5
Open
0603
R1, R3, R6,
5
R9, R12(3)
6
Resistor, 0-
Ω, 1/10-W, 1%
0603
C7. C8, C9,
4
(KOA) RK73Z1JTTD
(GARRETT)
C10
RK73Z1JTTD
7
Resistor, 49.9-
Ω, 1/10-W, 1%
0603
R2, R11
2
(KOA) RK73H1JLTD49R9F
(GARRETT)
RK73H1JLTD49R9F
8
Resistor, 249-
Ω, 1/10-W, 1%
0603
R7, R8
2
(KOA) RK73H1JLTD2490F
(GARRETT)
RK73H1JLTD2490F
9
Jack, banana recepticle, 0.25-in. di-
J3, J4, J5, J6
4
(HH SMITH) 101
(NEWARK) 35F865
ameter hole
10
Test point, black
TP1
1
(KEYSTONE) 5001
(DIGI-KEY) 5001K-ND
11
Connector, edge, SMA PCB jack
J1, J2
2
(JOHNSON) 142-0701-801
(NEWARK) 90F2624
12
Integrated Circuit, THS4304
U1
1
(TI) THS4304DGK, or
(TI) THS4304DBV
13
Standoff, 4-40 HEX, 0.625-in.
4
(KEYSTONE) 1808
NEWARK) 89F1934
Length
14
Screw, Phillips, 4-40, 0.250-in.
4
SHR-0440-016-SN
15
Board, printed-circuit
1
(TI) THS4304DGK ENG A, or
(TI) THS4304DBV ENG A
(1)
NOTE: All items are designated for both the DBV and DGK EVMs unless otherwise noted.
(2)
C6 used on DGK EVM only.
(3)
R12 used on DBV EVM only.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com