Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 16Page - Texas Instruments THS4304DBVT Datasheet HTML 17Page - Texas Instruments THS4304DBVT Datasheet HTML 18Page - Texas Instruments THS4304DBVT Datasheet HTML 19Page - Texas Instruments THS4304DBVT Datasheet HTML 20Page - Texas Instruments THS4304DBVT Datasheet HTML 21Page - Texas Instruments THS4304DBVT Datasheet HTML 22Page - Texas Instruments THS4304DBVT Datasheet HTML 23Page - Texas Instruments THS4304DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
INVERTING GAIN WITH SPLIT POWER SUPPLY
1
2
4
3
5
−VS
+VS
FB1
FB2
−VS
+VS
GND
GND
J3
J4
J6
J5
C5
0.1 mF
C1
3.3 mF
GND
TP1
C2
3.3 mF
C4
0.1 mF
+VS
J1
C7
R9
0
R11
61.9 W
−VS
THS4304DBV
C9
0
J2
221 W
R1
124 W
C8
0
U1
R2
49.9 W
R7
249 W
5
1
2
4
3 +
−
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
The following schematic shows how to configure the operational amplifier for inverting gain of 1 (–1 V/V) with
split power supply (
±2.5 V). Note the input and output provides 50-Ω termination for convenient interface to
common test equipment.
Figure 53. Inverting Gain with Split Power Supply
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com