Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 6Page - Texas Instruments THS4304DBVT Datasheet HTML 7Page - Texas Instruments THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments THS4304DBVT Datasheet HTML 10Page - Texas Instruments THS4304DBVT Datasheet HTML 11Page - Texas Instruments THS4304DBVT Datasheet HTML 12Page - Texas Instruments THS4304DBVT Datasheet HTML 13Page - Texas Instruments THS4304DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
−110
−100
−90
−80
−70
−60
−50
−40
−30
1 M
10 M
100 M
MSOP and SOT-23
RL = 100 Ω to 1 kΩ
Gain = 2,
RF = 249 Ω,
VO = 2 VPP,
VS = 5 V
f − Frequency − Hz
−110
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
MSOP and SOT-23
RL = 100 Ω to 1 kΩ
Gain = 2,
RF = 249 Ω,
VO = 1 VPP,
VS = 5 V
f − Frequency − Hz
−110
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RF = 249 Ω
VO = 1 VPP
VS = 5 V
MSOP RL = 100 Ω
SOT-23 RL = 100 Ω
MSOP and SOT-23 RL = 499 Ω to 1 kΩ
−110
−100
−90
−80
−70
−60
−50
−40
−30
0
0.5
1
1.5
2
2.5
3
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
f = 10 MHz,
VS = 5 V
VO − Output Voltage − VPP
SOT-23 RL = 100 Ω to 1 kΩ
−110
−100
−90
−80
−70
−60
−50
−40
0
0.5
1
1.5
2
2.5
3
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
f = 10 MHz,
VS = 5 V
VO − Output Voltage − VPP
SOT-23 RL = 100 Ω
SOT-23 RL = 499 Ω to 1 kΩ
−110
−100
−90
−80
−70
−60
−50
−40
−30
10 M
100 M
VO = 2 VPP
envelope
VO = 1 VPP
envelope
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
200 kHz Spacing,
VS = 5 V
1
10
100
1000
10
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
Vn
In
10
20
30
40
50
60
10 M
100 M
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
VO = 2−VPP envelope,
200−kHz Spacing,
VS = 5 V
400
450
500
550
600
650
700
750
800
850
900
0
0.5
1
1.5
2
2.5
3
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
VS = 5 V
VO − Output Voltage −VPP
Rise
Fall
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
TYPICAL CHARACTERISTICS (5 V) (continued)
3RD HARMONIC DISTORTION
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
3RD ORDER
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
INTERMODULATION DISTORTION
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
3RD ORDER
OUTPUT INTERCEPT POINT
SLEW RATE
NOISE
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com