Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 7Page - Texas Instruments THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments THS4304DBVT Datasheet HTML 10Page - Texas Instruments THS4304DBVT Datasheet HTML 11Page - Texas Instruments THS4304DBVT Datasheet HTML 12Page - Texas Instruments THS4304DBVT Datasheet HTML 13Page - Texas Instruments THS4304DBVT Datasheet HTML 14Page - Texas Instruments THS4304DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
10 M
500 M
1 G
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
RG = 249 Ω,
RL = 100 Ω,
VS = 5 V
0
2
4
6
8
10
12
14
16
18
20
22
2
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − V
TA = 85°C
TA = −40°C
TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
110
10 k
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
CMRR
PSRR+
PSRR−
VS = 5 V
0
1
2
3
4
5
6
7
8
9
−40−30 −20−10 0 10 20 30 40 50 60 70 80 90
100
120
140
160
180
200
220
240
260
280
IIB−
IIB+
IOS
VS = 5 V
Case Temperature −
°C
1
1.5
2
2.5
3
3.5
4
10
100
1000
VS = 5 V
RL − Load Resistance − Ω
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
−1
0
1
2
3
4
5
6
VICR − Input Common-Mode Range − V
VS = 5 V
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
0
10
20
30
40
50
60
2.3
2.4
2.5
2.6
2.7
2.8
t − Time − ns
Gain = 2
RL = 100 Ω
RF = 249 Ω
tr/tf = 300 ps
VS = 5 V
Input
Output
−20
−10
0
10
20
30
40
50
60
70
80
10 k
100 k 1 M
10 M
100 M 1 G
10 G
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
20
f − Frequency − Hz
Gain
Phase
VS = 5 V
0
100
200
300
400
500
600
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
Case Temperature −
°C
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
TYPICAL CHARACTERISTICS (5 V) (continued)
NOISE FIGURE
QUIESCENT CURRENT
REJECTION RATIO
vs
vs
vs
FREQUENCY
SUPPLY VOLTAGE
FREQUENCY
Figure 19.
Figure 20.
Figure 21.
INPUT BIAS AND OFFSET
OUTPUT VOLTAGE
INPUT OFFSET VOLTAGE
CURRENT
vs
vs
vs
LOAD RESISTANCE
INPUT COMMON-MODE VOLTAGE
CASE TEMPERATURE
Figure 22.
Figure 23.
Figure 24.
INPUT OFFSET VOLTAGE
OPEN-LOOP GAIN
vs
vs
SMALL-SIGNAL
CASE TEMPERATURE
FREQUENCY
TRANSIENT RESPONSE
Figure 25.
Figure 26.
Figure 27.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com