Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 10Page - Texas Instruments THS4304DBVT Datasheet HTML 11Page - Texas Instruments THS4304DBVT Datasheet HTML 12Page - Texas Instruments THS4304DBVT Datasheet HTML 13Page - Texas Instruments THS4304DBVT Datasheet HTML 14Page - Texas Instruments THS4304DBVT Datasheet HTML 15Page - Texas Instruments THS4304DBVT Datasheet HTML 16Page - Texas Instruments THS4304DBVT Datasheet HTML 17Page - Texas Instruments THS4304DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
0
1
2
3
4
5
6
7
8
9
−40
−20
0
20
40
60
80
460
480
500
520
540
560
580
600
620
640
IIB−
IIB+
VS = 3 V
IOS
TC − Case Temperature − °C
0.5
0.75
1
1.25
1.5
1.75
2
2.25
10
100
1000
RL − Load Resistance − W
VS = 3 V
1
1.25
1.5
1.75
2
2.25
2.5
−40
−20
0
20
40
60
80
TC − Case Temperature − °C
VS = 3 V
0.5
0.75
1
1.25
1.5
1.75
2
2.25
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Input
Output
t − Time −
µs
G = 2,
RL = 499 Ω,
RF = 249 Ω,
VS = 3 V
0
0.5
1
1.5
2
2.5
3
−10
0
10
20
30
40
50
60
0.5
1
1.5
2
2.5
t − Time − ns
Gain = 2,
RF = 249 Ω,
RL = 499 Ω,
VS = 3 V
Input
Output
0.01
0.1
1
10
100
1 k
10 k
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
VS = 3 V
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
TYPICAL CHARACTERISTICS (3 V) (continued)
INPUT BIAS AND
OUTPUT VOLTAGE
OFFSET CURRENT
INPUT OFFSET VOLTAGE
vs
vs
vs
LOAD RESISTANCE
CASE TEMPERATURE
CASE TEMPERATURE
Figure 41.
Figure 42.
Figure 43.
OUTPUT IMPEDANCE
LARGE-SIGNAL
vs
TRANSIENT RESPONSE
OVERDRIVE RECOVERY TIME
FREQUENCY
Figure 44.
Figure 45.
Figure 46.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com