Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 131 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 127Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 128Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 129Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 130Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 131Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 132Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 133Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 134Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 195 page
background image
131
AT89C51CC03
4182I–CAN–06/05
In a Master configuration, the SS line can be used in conjunction with the MODF flag in
the SPI Status register (SPSCR) to prevent multiple masters from driving MOSI and
SCK (see Error conditions).
A high level on the SS pin puts the MISO line of a Slave SPI in a high-impedance state.
The SS pin could be used as a general-purpose if the following conditions are met:
•
The device is configured as a Master and the SSDIS control bit in SPCON is set.
This kind of configuration can be found when only one Master is driving the network
and there is no way that the SS pin could be pulled low. Therefore, the MODF flag in
the SPSCR will never be set(1).
•
The Device is configured as a Slave with CPHA and SSDIS control bits set(2). This
kind of configuration can happen when the system includes one Master and one
Slave only. Therefore, the device should always be selected and there is no reason
that the Master uses the SS pin to select the communicating Slave device.
Note:
1. Clearing SSDIS control bit does not clear MODF.
2. Special care should be taken not to set SSDIS control bit when CPHA =’0’ because in
this mode, the SS is used to start the transmission.
Baud Rate
In Master mode, the baud rate can be selected from a baud rate generator which is con-
trolled by three bits in the SPCON register: SPR2, SPR1 and SPR0.The Master clock is
selected from one of seven clock rates resulting from the division of the internal clock by
4, 8, 16, 32, 64 or 128.
Table 90 gives the different clock rates selected by SPR2:SPR1:SPR0.
In Slave mode, the maximum baud rate allowed on the SCK input is limited to Fsys/4
Table 90. SPI Master Baud Rate Selection
SPR2
SPR1
SPR0
Clock Rate
Baud Rate Divisor (BD)
0
0
0
Don’t Use
No BRG
001
FCLK PERIPH /4
4
010
FCLK PERIPH/8
8
011
FCLK PERIPH /16
16
100
FCLK PERIPH /32
32
101
FCLK PERIPH /64
64
110
FCLK PERIPH /128
128
1
1
1
Don’t Use
No BRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com