Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 129Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 130Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 131Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 132Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 133Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 134Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 135Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 136Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 195 page
background image
133
AT89C51CC03
4182I–CAN–06/05
When the Master device transmits data to the Slave device via the MOSI line, the Slave
device responds by sending data to the Master device via the MISO line. This implies
full-duplex transmission with both data out and data in synchronized with the same clock
(Figure 59).
Figure 59. Full-Duplex Master-Slave Interconnection
Master Mode
The SPI operates in Master mode when the Master bit, MSTR (1), in the SPCON register
is set. Only one Master SPI device can initiate transmissions. Software begins the trans-
mission from a Master SPI Module by writing to the Serial Peripheral Data Register
(SPDAT). If the shift register is empty, the Byte is immediately transferred to the shift
register. The Byte begins shifting out on MOSI pin under the control of the serial clock,
SCK. Simultaneously, another Byte shifts in from the Slave on the Master’s MISO pin.
The transmission ends when the Serial Peripheral transfer data flag, SPIF, in SPSCR
becomes set. At the same time that SPIF becomes set, the received Byte from the Slave
is transferred to the receive data register in SPDAT. Software clears SPIF by reading
the Serial Peripheral Status register (SPSCR) with the SPIF bit set, and then reading the
SPDAT.
Slave Mode
The SPI operates in Slave mode when the Master bit, MSTR (2), in the SPCON register is
cleared. Before a data transmission occurs, the Slave Select pin, SS, of the Slave
device must be set to’0’. SS must remain low until the transmission is complete.
In a Slave SPI Module, data enters the shift register under the control of the SCK from
the Master SPI Module. After a Byte enters the shift register, it is immediately trans-
ferred to the receive data register in SPDAT, and the SPIF bit is set. To prevent an
overflow condition, Slave software must then read the SPDAT before another Byte
enters the shift register (3). A Slave SPI must complete the write to the SPDAT (shift reg-
ister) at least one bus cycle before the Master SPI starts a transmission. If the write to
the data register is late, the SPI transmits the data already in the shift register from the
previous transmission.
Transmission Formats
Software can select any of four combinations of serial clock (SCK) phase and polarity
using two bits in the SPCON: the Clock Polarity (CPOL (4)) and the Clock Phase
(CPHA4). CPOL defines the default SCK line level in idle state. It has no significant
effect on the transmission format. CPHA defines the edges on which the input data are
sampled and the edges on which the output data are shifted (Figure 60 and Figure 61).
The clock phase and polarity should be identical for the Master SPI device and the com-
municating Slave device.
8-bit Shift register
SPI
Clock Generator
Master MCU
8-bit Shift register
MISO
MISO
MOSI
MOSI
SCK
SCK
VSS
VDD
SS
SS
Slave MCU
1.
The SPI Module should be configured as a Master before it is enabled (SPEN set). Also,
the Master SPI should be configured before the Slave SPI.
2.
The SPI Module should be configured as a Slave before it is enabled (SPEN set).
3.
The maximum frequency of the SCK for an SPI configured as a Slave is the bus clock
speed.
4.
Before writing to the CPOL and CPHA bits, the SPI should be disabled (SPEN =’0’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com