Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2012 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGA2012
Description  1900 MHz high linear low noise amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2012 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGA2012 Datasheet HTML 1Page - NXP Semiconductors BGA2012 Datasheet HTML 2Page - NXP Semiconductors BGA2012 Datasheet HTML 3Page - NXP Semiconductors BGA2012 Datasheet HTML 4Page - NXP Semiconductors BGA2012 Datasheet HTML 5Page - NXP Semiconductors BGA2012 Datasheet HTML 6Page - NXP Semiconductors BGA2012 Datasheet HTML 7Page - NXP Semiconductors BGA2012 Datasheet HTML 8Page - NXP Semiconductors BGA2012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Dec 04
5
Philips Semiconductors
Product specification
1900 MHz high linear low noise amplifier
BGA2012
handbook, halfpage
0
1000
f (MHz)
gain
(dB)
3000
25
0
2000
5
10
15
20
MLD471
s21
2
GUM
Gmax
Fig.3
Insertion gain (
|s21|2), GUM and Gmax as
functions of frequency; typical values.
IC = 7 mA; VS =VC = 3 V; PD = −30 dBm; Zo =50 Ω.
handbook, halfpage
0
IS
1
VC (V)
gain
(dB)
3
20
0
2
4
8
12
16
IS
(mA)
10
0
2
4
6
8
MLD472
s21
2
Fig.4
Insertion gain and supply current as
functions of control voltage; typical values.
f = 1900 MHz; VS = 3 V; PD = −30 dBm.
handbook, halfpage
20
10
5
0
15
MLD473
10−3
10−2
10−1
IC (mA)
s21
2
(dB)
f = 1900 MHz; VS = 3 V; PD = −30 dBm.
Fig.5
Insertion gain as a function of control
current; typical values.
handbook, halfpage
0
IS (mA)
IP3out
(dBm)
24
8
10
0
−5
5
IP3in
(dBm)
0
−10
−15
−5
6
MLD474
IP3out
IP3in
VS =VC = 3 V; PD = −30 dBm (both tones); f = 1900 MHz; ∆f = 100 kHz.
Fig.6
Output and input 3rd order intercept point
as functions of supply current; typical
application; typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com