Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2012 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA2012
Description  1900 MHz high linear low noise amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2012 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA2012 Datasheet HTML 1Page - NXP Semiconductors BGA2012 Datasheet HTML 2Page - NXP Semiconductors BGA2012 Datasheet HTML 3Page - NXP Semiconductors BGA2012 Datasheet HTML 4Page - NXP Semiconductors BGA2012 Datasheet HTML 5Page - NXP Semiconductors BGA2012 Datasheet HTML 6Page - NXP Semiconductors BGA2012 Datasheet HTML 7Page - NXP Semiconductors BGA2012 Datasheet HTML 8Page - NXP Semiconductors BGA2012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 Dec 04
2
Philips Semiconductors
Product specification
1900 MHz high linear low noise amplifier
BGA2012
FEATURES
• Low current, low voltage
• High linearity
• High power gain
• Low noise
• Integrated temperature compensated biasing
• Control pin for adjustment bias current.
APPLICATIONS
• RF front end
• Low noise amplifiers, e.g. CDMA, PHs, Dect, etc.
DESCRIPTION
Silicon Monolitic Microwave Integrated Circuit (MMIC)
amplifier consisting of an NPN double polysilicon transistor
with integrated biasing for low voltage applications in a
6-pin SOT363 plastic SMD package.
PINNING
PIN
DESCRIPTION
1
RF in
2VC
3VS
4
RF out
5, 6
GND
handbook, halfpage
Top view
MBL251
BIAS
CIRCUIT
RF in
RF out
GND
VS
VC
13
2
4
5
6
Fig.1 Simplified outline (SOT363) and symbol.
Marking code: A6-
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VS
DC supply voltage
RF input AC coupled
3
4.5
V
IS
DC supply current
7.5
−
mA
IC
DC control current
VC =VS
0.11
−
mA
|s21|2
insertion power gain
in application circuit, see Fig.2;
f = 1900 MHz
16
−
dB
NF
noise figure
IS = 7 mA; f = 1900 MHz
1.7
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS
DC supply voltage
RF input AC coupled
−
4.5
V
VC
voltage on control pin
−
VS
V
IS
supply current
forced by DC voltage on RF input
−
15
mA
IC
control current
−
0.25
mA
Ptot
total power dissipation
Ts ≤ 100 °C
−
70
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com