Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2012 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGA2012
Description  1900 MHz high linear low noise amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2012 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGA2012 Datasheet HTML 3Page - NXP Semiconductors BGA2012 Datasheet HTML 4Page - NXP Semiconductors BGA2012 Datasheet HTML 5Page - NXP Semiconductors BGA2012 Datasheet HTML 6Page - NXP Semiconductors BGA2012 Datasheet HTML 7Page - NXP Semiconductors BGA2012 Datasheet HTML 8Page - NXP Semiconductors BGA2012 Datasheet HTML 9Page - NXP Semiconductors BGA2012 Datasheet HTML 10Page - NXP Semiconductors BGA2012 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2000 Dec 04
7
Philips Semiconductors
Product specification
1900 MHz high linear low noise amplifier
BGA2012
handbook, full pagewidth
MLD476
0
0.2
0.6
0.4
0.8
1.0
1.0
+5
+2
+1
+0.5
+0.2
0
−0.2
−0.5
−1
−2
−5
0.2
0.5
1
3 GHz
2
5
180
°
135
°
90
°
45
°
0
°
−45°
−90°
−135°
1900 MHz
100 MHz
Fig.8 Common emitter input reflection coefficient (s11); typical values.
IC = 7 mA; VS =VC = 3 V; PD = −30 dBm; Zo =50 Ω.
handbook, full pagewidth
MLD477
20
16
12
8
1900 MHz
1 GHz
3 GHz
500 MHz
100 MHz
4
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
IC = 7 mA; VS =VC = 3 V; PD = −30 dBm; Zo =50 Ω.
Fig.9 Common emitter forward transmission coefficient (s21); typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com