Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2012 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGA2012
Description  1900 MHz high linear low noise amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2012 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGA2012 Datasheet HTML 2Page - NXP Semiconductors BGA2012 Datasheet HTML 3Page - NXP Semiconductors BGA2012 Datasheet HTML 4Page - NXP Semiconductors BGA2012 Datasheet HTML 5Page - NXP Semiconductors BGA2012 Datasheet HTML 6Page - NXP Semiconductors BGA2012 Datasheet HTML 7Page - NXP Semiconductors BGA2012 Datasheet HTML 8Page - NXP Semiconductors BGA2012 Datasheet HTML 9Page - NXP Semiconductors BGA2012 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000 Dec 04
6
Philips Semiconductors
Product specification
1900 MHz high linear low noise amplifier
BGA2012
handbook, halfpage
246
8
IS (mA)
NF
(dB)
2
0
1.6
1.2
0.8
0.4
MLD475
Fig.7
Noise figure as a function of
supply current; typical values.
VS =VC = 3 V; f = 1900 MHz.
Scattering parameters
VS =VC =3V; PD = −30 dBm; Zo =50 Ω; Tamb =25 °C
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
100
0.775
−8.390
12.527
171.1
0.005
84.90
0.742
−6.684
200
0.761
−16.37
12.154
163.1
0.011
79.39
0.731
−13.15
400
0.709
−31.51
11.213
148.6
0.020
72.23
0.689
−24.85
600
0.646
−44.97
10.139
136.4
0.028
66.03
0.631
−34.90
800
0.581
−56.47
9.061
126.1
0.034
61.82
0.573
−43.40
1000
0.519
−66.59
8.131
117.3
0.039
58.86
0.519
−50.54
1200
0.461
−75.41
7.254
109.5
0.043
58.07
0.469
−57.19
1400
0.401
−83.99
6.461
103.1
0.047
57.92
0.428
−64.08
1600
0.350
−93.12
5.869
96.39
0.051
57.26
0.396
−70.03
1800
0.313
−102.0
5.256
90.46
0.054
57.37
0.369
−75.33
2000
0.289
−110.6
4.778
85.58
0.058
58.10
0.348
−80.47
2200
0.278
−118.5
4.394
81.16
0.062
57.66
0.336
−85.37
2400
0.276
−125.0
4.051
77.28
0.066
56.08
0.333
−89.83
2600
0.286
−131.9
3.793
74.34
0.072
60.98
0.316
−92.61
2800
0.293
−136.5
3.571
70.27
0.076
60.21
0.308
−94.44
3000
0.287
−141.6
3.326
67.39
0.083
61.36
0.272
−99.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com