Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2012 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGA2012
Description  1900 MHz high linear low noise amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2012 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGA2012 Datasheet HTML 1Page - NXP Semiconductors BGA2012 Datasheet HTML 2Page - NXP Semiconductors BGA2012 Datasheet HTML 3Page - NXP Semiconductors BGA2012 Datasheet HTML 4Page - NXP Semiconductors BGA2012 Datasheet HTML 5Page - NXP Semiconductors BGA2012 Datasheet HTML 6Page - NXP Semiconductors BGA2012 Datasheet HTML 7Page - NXP Semiconductors BGA2012 Datasheet HTML 8Page - NXP Semiconductors BGA2012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 2000 Sep 06
2000 Dec 04
DISCRETE SEMICONDUCTORS
BGA2012
1900 MHz high linear low noise
amplifier
book, halfpage
MBD128


Similar Part No. - BGA2012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2012 NXP-BGA2012 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BGA2012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1221 MACOM-PA1221 Datasheet
48Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
NEC
UPC2749T NEC-UPC2749T Datasheet
99Kb / 4P
3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
NXP Semiconductors
BGA2011 PHILIPS-BGA2011 Datasheet
83Kb / 12P
900 MHz high linear low noise amplifier
2000 Dec 04
logo
Stealth Microwave, Inc.
SM1923-41 STEALTH_MICROWAVE-SM1923-41 Datasheet
190Kb / 2P
1900-2300 MHz 12W Linear Power Amplifier
SM1923-44 STEALTH_MICROWAVE-SM1923-44 Datasheet
111Kb / 2P
1900-2300 MHz 25 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com