Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2012 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA2012
Description  1900 MHz high linear low noise amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2012 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA2012 Datasheet HTML 1Page - NXP Semiconductors BGA2012 Datasheet HTML 2Page - NXP Semiconductors BGA2012 Datasheet HTML 3Page - NXP Semiconductors BGA2012 Datasheet HTML 4Page - NXP Semiconductors BGA2012 Datasheet HTML 5Page - NXP Semiconductors BGA2012 Datasheet HTML 6Page - NXP Semiconductors BGA2012 Datasheet HTML 7Page - NXP Semiconductors BGA2012 Datasheet HTML 8Page - NXP Semiconductors BGA2012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Dec 04
4
Philips Semiconductors
Product specification
1900 MHz high linear low noise amplifier
BGA2012
APPLICATION INFORMATION
List of components (see Fig.2)
Note
1. The stripline (w = 0.7 mm) is on a gold plated double copper-clad printed-circuit board (
ε
r = 6.15),
board thickness = 0.64 mm, copper thickness = 35
µm, gold thickness = 5 µm.
COMPONENT
DESCRIPTION
TYPICAL
APPLICATION
HIGH IP3
APPLICATION
DIMENSIONS
C1, C2
multilayer ceramic chip capacitor
100 pF
100 pF
0603
C3, C5
multilayer ceramic chip capacitor
22 nF
22 nF
0603
C4
multilayer ceramic chip capacitor
−−−
C6
multilayer ceramic chip capacitor
−
100 nF
0805
L1
SMD inductor
−
3.9 nH
0603
L2
SMD inductor
−
3.9 nH
0603
handbook, full pagewidth
GND
OUT
stripline
BIAS
CIRCUIT
C1
C6
L1
VC
L2
RF in
VS
VC
IN
C4
SOT363
C5
C2
RF out
C3
VS
MLD470
Fig.2 Application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com