Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2012 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA2012
Description  1900 MHz high linear low noise amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2012 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA2012 Datasheet HTML 1Page - NXP Semiconductors BGA2012 Datasheet HTML 2Page - NXP Semiconductors BGA2012 Datasheet HTML 3Page - NXP Semiconductors BGA2012 Datasheet HTML 4Page - NXP Semiconductors BGA2012 Datasheet HTML 5Page - NXP Semiconductors BGA2012 Datasheet HTML 6Page - NXP Semiconductors BGA2012 Datasheet HTML 7Page - NXP Semiconductors BGA2012 Datasheet HTML 8Page - NXP Semiconductors BGA2012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Dec 04
3
Philips Semiconductors
Product specification
1900 MHz high linear low noise amplifier
BGA2012
THERMAL CHARACTERISTICS
CHARACTERISTICS
RF input AC coupled; VS =3V; IS = 7 mA; f = 1900 MHz; Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction
to solder point
Ptot = 135 mW; Ts ≤ 100 °C
350
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IS
supply current
5
7.5
10
mA
IC
control current
−
0.11
−
mA
RL IN
return losses input
typical application; see Fig.2
−−11
−
dB
high IP3 (see Fig.2; stripline = 0 mm)
−−20
−
dB
high IP3 (see Fig.2; stripline = 0.5 mm)
−−14
−
dB
RL OUT
return losses output
typical application; see Fig.2
−−9
−
dB
high IP3 (see Fig.2; stripline = 0 mm)
−−10
−
dB
high IP3 (see Fig.2; stripline = 0.5 mm)
−−8
−
dB
|s21|2
insertion power gain
typical application (see Fig.2)
−
14
−
dB
high IP3 (see Fig.2; stripline = 0 mm)
−
16
−
dB
high IP3 (see Fig.2; stripline = 0.5 mm)
−
14
−
dB
NF
noise figure
typical application; see Fig.2; IS =7mA
−
1.7
−
dB
high IP3 (see Fig.2; stripline = 0 mm)
−
2.2
−
dB
high IP3 (see Fig.2; stripline = 0.5 mm)
−
2.3
−
dB
IP3in
input intercept point
typical application; see Fig.2
−−7
−
dBm
high IP3 (see Fig.2; stripline = 0 mm)
−
7
−
dBm
high IP3 (see Fig.2; stripline = 0.5 mm)
−
10
−
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com