Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4382 Datasheet(PDF) 2 Page - Texas Instruments

Part # AM4382
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4382 Datasheet(HTML) 2 Page - Texas Instruments

  AM4382 Datasheet HTML 1Page - Texas Instruments AM4382 Datasheet HTML 2Page - Texas Instruments AM4382 Datasheet HTML 3Page - Texas Instruments AM4382 Datasheet HTML 4Page - Texas Instruments AM4382 Datasheet HTML 5Page - Texas Instruments AM4382 Datasheet HTML 6Page - Texas Instruments AM4382 Datasheet HTML 7Page - Texas Instruments AM4382 Datasheet HTML 8Page - Texas Instruments AM4382 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
AM4382, AM4384, AM4388
SPRT726A – MARCH 2017 – REVISED APRIL 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device Overview
Copyright © 2017, Texas Instruments Incorporated
Memory Device Configurations
• General-Purpose Memory Controller (GPMC)
– Flexible 8- and 16-Bit Asynchronous Memory
Interface With up to Seven Chip Selects (NAND,
NOR, Muxed-NOR, and SRAM)
– Uses BCH Code to Support 4-, 8-, or 16-Bit
ECC
– Uses Hamming Code to Support 1-Bit ECC
• Error Locator Module (ELM)
– Used With the GPMC to Locate Addresses of
Data Errors From Syndrome Polynomials
Generated Using a BCH Algorithm
– Supports 4-, 8-, and 16-Bit Per 512-Byte Block
Error Location Based on BCH Algorithms
• Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-ICSS)
– Two Programmable Real-Time Units (PRUs)
Subsystems With Two PRU Cores Each
– Each Core is a 32-Bit Load and Store RISC
Processor Capable of Running at 200 MHz
– 12KB (PRU-ICSS1), 4KB (PRU-ICSS0) of
Instruction RAM With Single-Error Detection
(Parity)
– 8KB (PRU-ICSS1), 4KB (PRU-ICSS0) of
Data RAM With Single-Error Detection
(Parity)
– Single-Cycle 32-Bit Multiplier With 64-Bit
Accumulator
– Enhanced GPIO Module Provides Shift-In
and Shift-Out Support and Parallel Latch on
External Signal
– 12KB (PRU-ICSS1 Only) of Shared RAM With
Single-Error Detection (Parity)
– Three 120-Byte Register Banks Accessible by
Each PRU
– Interrupt Controller Module (INTC) for Handling
System Input Events
– Local Interconnect Bus for Connecting Internal
and External Masters to the Resources Inside
the PRU-ICSS
– Peripherals Inside the PRU-ICSS
– One UART Port With Flow Control Pins,
Supports up to 12 Mbps
– One eCAP Module
– Two MII Ethernet Ports that Support Industrial
Ethernet, such as EtherCAT
– One MDIO Port
• Power, Reset, and Clock Management (PRCM)
Module
– Controls the Entry and Exit of Deep-Sleep
Modes
– Responsible for Sleep Sequencing, Power
Domain Switch-Off Sequencing, Wake-Up
Sequencing, and Power Domain Switch-On
Sequencing
– Clocks
– Integrated High-Frequency Oscillator Used to
Generate a Reference Clock (19.2, 24, 25,
and 26 MHz) for Various System and
Peripheral Clocks
– Supports Individual Clock Enable and Disable
Control for Subsystems and Peripherals to
Facilitate Reduced Power Consumption
– Five ADPLLs to Generate System Clocks
(MPU Subsystem, DDR Interface, USB, and
Peripherals [MMC and SD, UART, SPI, I2C],
L3, L4, Ethernet, GFX [SGX530], and LCD
Pixel Clock)
– Power
– Three Nonswitchable Power Domains (RTC,
Wake-Up Logic [WAKE-UP], and Physical or
Tamper [TPM])
– Three Switchable Power Domains (MPU
Subsystem, SGX530 [GFX], Peripherals and
Infrastructure [PER])
– Dynamic Voltage Frequency Scaling (DVFS)
• Real-Time Clock (RTC)
– Real-Time Date (Day, Month, Year, and Day of
Week) and Time (Hours, Minutes, and Seconds)
Information
– Internal 32.768-kHz Oscillator, RTC Logic, and
1.1-V Internal LDO
– Independent Power-On-Reset
(RTC_PWRONRSTn) Input
– Dedicated Input Pin (TPM_WAKEUP) for
External Wake Events
– Programmable Alarm Can Generate Internal
Interrupts to the PRCM for Wakeup or Cortex-
A9 for Event Notification
– Programmable Alarm Can Be Used With
External Output (RTC_PMIC_EN) to Enable the
Power-Management IC to Restore Non-RTC
Power Domains
• Peripherals
– Up to Two USB 2.0 High-Speed Dual-Role
(Host or Device) Ports With Integrated PHY
– Up to Two Industrial Gigabit Ethernet MACs
(10, 100, and 1000 Mbps)
– Integrated Switch
– Each MAC Supports MII, RMII, and RGMII
and MDIO Interfaces
– Ethernet MACs and Switch Can Operate
Independent of Other Functions
– IEEE 1588v2 Precision Time Protocol (PTP)
– Up to Two Multichannel Audio Serial Ports
(McASPs)
– Transmit and Receive Clocks up to 50 MHz
– Up to Four Serial Data Pins Per McASP Port
With Independent TX and RX Clocks
– Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com