Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4382 Datasheet(PDF) 3 Page - Texas Instruments

Part # AM4382
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4382 Datasheet(HTML) 3 Page - Texas Instruments

  AM4382 Datasheet HTML 1Page - Texas Instruments AM4382 Datasheet HTML 2Page - Texas Instruments AM4382 Datasheet HTML 3Page - Texas Instruments AM4382 Datasheet HTML 4Page - Texas Instruments AM4382 Datasheet HTML 5Page - Texas Instruments AM4382 Datasheet HTML 6Page - Texas Instruments AM4382 Datasheet HTML 7Page - Texas Instruments AM4382 Datasheet HTML 8Page - Texas Instruments AM4382 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
AM4382, AM4384, AM4388
www.ti.com
SPRT726A – MARCH 2017 – REVISED APRIL 2017
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device Overview
Copyright © 2017, Texas Instruments Incorporated
– Supports Digital Audio Interface Transmission
(SPDIF, IEC60958-1, and AES-3 Formats)
– FIFO Buffers for Transmit and Receive
(256 Bytes)
– Up to Six UARTs
– All UARTs Support IrDA and CIR Modes
– All UARTs Support RTS and CTS Flow
Control
– UART1 Supports Full Modem Control
– Up to Five Master and Slave McSPIs
– McSPI0–McSPI2 Support up to Four Chip
Selects
– McSPI3 and McSPI4 Support up to Two Chip
Selects
– Up to 48 MHz
– One Quad-SPI
– Supports eXecute In Place (XIP) from Serial
NOR FLASH
– One Dallas 1-Wire® and HDQ Serial Interface
– Up to Three MMC, SD, and SDIO Ports
– 1-, 4-, and 8-Bit MMC, SD, and SDIO Modes
– 1.8- or 3.3-V Operation on All Ports
– Up to 48-MHz Clock
– Supports Card Detect and Write Protect
– Complies With MMC4.3 and SD and SDIO
2.0 Specifications
– Up to Two ISO7816 (Smart Card) Interfaces
– EMV-Compliant
– Supports T=0 and T=1 Protocols
– One Magnetic Card Reader (ADC1)
– ISO7811-Compliant
– AFE Contains 12-bit, 867 kSPS ADC With
Four Differential Channels, Including Pre-
Amplifier
–
ADC Can Be Used For General Purposes
– Up to Three I2C Master and Slave Interfaces
– Standard Mode (up to 100 kHz)
– Fast Mode (up to 400 kHz)
– Up to Six Banks of General-Purpose I/O (GPIO)
– 32 GPIOs per Bank (Multiplexed With Other
Functional Pins)
– GPIOs Can be Used as Interrupt Inputs (up
to Two Interrupt Inputs per Bank)
– Up to Three External DMA Event Inputs That
Can Also be Used as Interrupt Inputs
– Twelve 32-Bit General-Purpose Timers
– DMTIMER1 is a 1-ms Timer Used for
Operating System (OS) Ticks
– DMTIMER4–DMTIMER7 are Pinned Out
– One Public and One Secure Watchdog Timer
– One Free-Running, High-Resolution 32-kHz
Counter (synctimer32K)
– SGX530 3D Graphics Engine
– Tile-Based Architecture Delivering up to 20M
Poly/sec
– Universal Scalable Shader Engine is a
Multithreaded Engine Incorporating Pixel and
Vertex Shader Functionality
– Advanced Shader Feature Set in Excess of
Microsoft VS3.0, PS3.0, and OGL2.0
– Industry Standard API Support of Direct3D
Mobile, OGL-ES 1.1 and 2.0, and OpenVG
1.0
– Fine-Grained Task Switching, Load
Balancing, and Power Management
– Advanced Geometry DMA-Driven Operation
for Minimum CPU Interaction
– Programmable High-Quality Image Anti-
Aliasing
– Fully Virtualized Memory Addressing for OS
Operation in a Unified Memory Architecture
– Display Subsystem
– Display Modes
–
Programmable Pixel Memory Formats
(Palletized: 1-, 2-, 4-, and 8-Bits Per Pixel;
RGB 16- and 24-Bits Per Pixel; and YUV
4:2:2)
–
256- × 24-Bit Entries Palette in RGB
–
Up to 2048 × 2048 Resolution
– Display Support
–
Four Types of Displays Are Supported:
Passive and Active Colors; Passive and
Active Monochromes
–
4- and 8-Bit Monochrome Passive Panel
Interface Support (15 Grayscale Levels
Supported Using Dithering Block)
–
RGB 8-Bit Color Passive Panel Interface
Support (3,375 Colors Supported for Color
Panel Using Dithering Block)
–
RGB 12-, 16-, 18-, and 24-Bit Active
Panel Interface Support (Replicated or
Dithered Encoded Pixel Values)
–
Remote Frame Buffer (Embedded in the
LCD Panel) Support Through the RFBI
Module
–
Partial Refresh of the Remote Frame
Buffer Through the RFBI Module
–
Partial Display
–
Multiple Cycles Output Format on 8-, 9-,
12-, and 16-Bit Interface (TDM)
– Signal Processing
–
Overlay and Windowing Support for One
Graphics Layer (RGB or CLUT) and Two
Video Layers (YUV 4:2:2, RGB16, and
RGB24)
–
RGB 24-Bit Support on the Display
Interface, Optionally Dithered to RGB
18
‑Bit Pixel Output Plus 6-Bit Frame Rate
Control (Spatial and Temporal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com