Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4382 Datasheet(PDF) 11 Page - Texas Instruments

Part # AM4382
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4382 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM4382 Datasheet HTML 7Page - Texas Instruments AM4382 Datasheet HTML 8Page - Texas Instruments AM4382 Datasheet HTML 9Page - Texas Instruments AM4382 Datasheet HTML 10Page - Texas Instruments AM4382 Datasheet HTML 11Page - Texas Instruments AM4382 Datasheet HTML 12Page - Texas Instruments AM4382 Datasheet HTML 13Page - Texas Instruments AM4382 Datasheet HTML 14Page - Texas Instruments AM4382 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
AM4382, AM4384, AM4388
www.ti.com
SPRT726A – MARCH 2017 – REVISED APRIL 2017
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device and Documentation Support
Copyright © 2017, Texas Instruments Incorporated
4
Device and Documentation Support
4.1
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
processors and support tools. Each device has one of three prefixes: X, P, or null (no prefix) (for example,
XAM4384xZDN). Texas Instruments recommends two of three possible prefix designators for its support
tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from
engineering prototypes (TMDX) through fully qualified production devices and tools (TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully-qualified development-support product.
X and P devices and TMDX development-support tools are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
Production devices and TMDS development-support tools have been characterized fully, and the quality
and reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZDN), the temperature range (for example, blank is the default commercial
temperature range), and the device speed range, in megahertz (for example, MHz). Figure 4-1 provides a
legend for reading the complete device name for any device.
For additional description of the device nomenclature markings on the die, see the AM438x Sitara
Processors Silicon Errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com