Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4382 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM4382
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4382 Datasheet(HTML) 4 Page - Texas Instruments

  AM4382 Datasheet HTML 1Page - Texas Instruments AM4382 Datasheet HTML 2Page - Texas Instruments AM4382 Datasheet HTML 3Page - Texas Instruments AM4382 Datasheet HTML 4Page - Texas Instruments AM4382 Datasheet HTML 5Page - Texas Instruments AM4382 Datasheet HTML 6Page - Texas Instruments AM4382 Datasheet HTML 7Page - Texas Instruments AM4382 Datasheet HTML 8Page - Texas Instruments AM4382 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
AM4382, AM4384, AM4388
SPRT726A – MARCH 2017 – REVISED APRIL 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device Overview
Copyright © 2017, Texas Instruments Incorporated
–
Transparency Color Key (Source and
Destination)
–
Synchronized Buffer Update
–
Gamma Curve Support
–
Multiple-Buffer Support
–
Cropping Support
–
Color Phase Rotation
– Up to Three 32-Bit eCAP Modules
– Configurable as Three Capture Inputs or
Three Auxiliary PWM Outputs
– Up to Six Enhanced eHRPWM Modules
– Dedicated 16-Bit Time-Base Counter With
Time and Frequency Controls
– Configurable as Six Single-Ended, Six Dual-
Edge Symmetric, or Three Dual-Edge
Asymmetric Outputs
– Up to Three 32-Bit eQEP Modules
• Device Identification
– Factory Programmable Electrical Fuse Farm
(FuseFarm)
– Production ID
– Device Part Number (Unique JTAG ID)
– Device Revision (Readable by Host ARM)
– Security Keys
– Feature Identification
• Debug Interface Support
– JTAG and cJTAG for ARM (Cortex-A9 and
PRCM) and PRU-ICSS Debug
– Supports Real-Time Trace Pins (for Cortex-A9)
– 64-KB Embedded Trace Buffer (ETB)
– Supports Device Boundary Scan
– Supports IEEE 1500
• DMA
– On-Chip Enhanced DMA Controller (EDMA) Has
Three Third-Party Transfer Controllers (TPTCs)
and One Third-Party Channel Controller
(TPCC), Which Supports up to 64
Programmable Logical Channels and Eight
QDMA Channels
– EDMA is Used for:
– Transfers to and from On-Chip Memories
– Transfers to and from External Storage
(EMIF, GPMC, and Slave Peripherals)
– DMA for Crypto Data Paths and Transfers
(Crypto DMA)
• InterProcessor Communication (IPC)
– Integrates Hardware-Based Mailbox for IPC and
Spinlock for Process Synchronization Between
the Cortex-A9, PRCM, and PRU-ICSS
• Boot Modes
– Boot Mode is Selected Through Boot
Configuration Pins Latched on the Rising Edge
of the PWRONRSTn Reset Input Pin
• Camera
– Dual Port 8- and 10-Bit BT656 Interface
– Dual Port 8- and 10-Bit Including External Syncs
– Single Port 12-Bit
– YUV422/RGB422 and BT656 Input Format
– RAW Format
– Pixel Clock Rate up to 75 MHz
• Package
– 491-Pin BGA Package (17-mm × 17-mm) (ZDN
Suffix), 0.65-mm Ball Pitch With Via Channel
Array Technology to Enable Low-Cost Routing
1.2
Applications
•
Electronic Financial Transaction Terminals
•
Point of Sale Terminals
•
Fuel Dispensers
•
Vending Machines
•
Electric Vehicle Charging Stations
•
Automated Teller Machines
•
Fiscal Printers
•
Voting Machines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com