Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4382 Datasheet(PDF) 14 Page - Texas Instruments

Part # AM4382
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4382 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM4382 Datasheet HTML 10Page - Texas Instruments AM4382 Datasheet HTML 11Page - Texas Instruments AM4382 Datasheet HTML 12Page - Texas Instruments AM4382 Datasheet HTML 13Page - Texas Instruments AM4382 Datasheet HTML 14Page - Texas Instruments AM4382 Datasheet HTML 15Page - Texas Instruments AM4382 Datasheet HTML 16Page - Texas Instruments AM4382 Datasheet HTML 17Page - Texas Instruments AM4382 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
AM4382, AM4384, AM4388
SPRT726A – MARCH 2017 – REVISED APRIL 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Mechanical, Packaging, and Orderable Information
Copyright © 2017, Texas Instruments Incorporated
5
Mechanical, Packaging, and Orderable Information
5.1
Via Channel
The ZDN package has been specially engineered with Via Channel technology. This technology allows
larger than normal PCB via and trace sizes and reduced PCB signal layers to be used in a PCB design
with the 0.65-mm pitch package, and substantially reduces PCB costs. It allows PCB routing in only two
signal layers (four layers total) due to the increased layer efficiency of the Via Channel BGA technology.
NOTE
Via Channel technology implemented on the this package makes it possible to build a
product with a 4-layer PCB, but a 4-layer PCB may not meet system performance goals.
Therefore, system performance using a 4-layer PCB design must be evaluated during
product design.
5.2
Packaging Information
The following packaging information and addendum reflect the most current data available for the
designated device. This data is subject to change without notice and without revision of this document.
The following figure is a preliminary package drawing for the ZDN package option.
Note: The ZDN package is shown with a 17-mm × 17-mm array of 491 solder balls with 0.65-mm pitch,
with via channel array (VCA) technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com