Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4382 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM4382
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4382 Datasheet(HTML) 1 Page - Texas Instruments

  AM4382 Datasheet HTML 1Page - Texas Instruments AM4382 Datasheet HTML 2Page - Texas Instruments AM4382 Datasheet HTML 3Page - Texas Instruments AM4382 Datasheet HTML 4Page - Texas Instruments AM4382 Datasheet HTML 5Page - Texas Instruments AM4382 Datasheet HTML 6Page - Texas Instruments AM4382 Datasheet HTML 7Page - Texas Instruments AM4382 Datasheet HTML 8Page - Texas Instruments AM4382 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
AM4382, AM4384, AM4388
SPRT726A – MARCH 2017 – REVISED APRIL 2017
AM438x Sitara™ Processors Technical Brief
1
Device Overview
1
1.1
Features
1
• Highlights
– Sitara™ ARM® Cortex®-A9 32-Bit RISC
Processor With Processing Speed up to
1000 MHz
– NEON™ SIMD Coprocessor and Vector
Floating Point (VFPv3) Coprocessor
– 32KB of Both L1 Instruction and Data Cache
– 256KB of L2 Cache or L3 RAM
– 32-Bit LPDDR2, DDR3, and DDR3L Support
– General-Purpose Memory Support (NAND,
NOR, SRAM) Supporting up to 16-Bit ECC
– SGX530 Graphics Engine
– Display Subsystem
– Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-
ICSS)
– Real-Time Clock (RTC)
– Up to Two USB 2.0 High-Speed Dual-Role
(Host or Device) Ports With Integrated PHY
– 10, 100, and 1000 Ethernet Switch
– Serial Interfaces:
– Six UARTs, Two McASPs, Five McSPIs,
Three I2C Ports, One QSPI, and One HDQ or
1-Wire
– Up to Two ISO7816 (Smart Card) Interfaces
– Security
– Crypto Hardware Accelerators (AES, SHA,
PKA, RNG, DES, and 3DES) With Crypto
DMA
– Secure Boot
– Physical (Enclosure) Protection
–
12 Tamper I/Os
–
Wire Mesh
– Tamper Protection
–
Voltage Monitoring
–
Temperature Monitoring
–
Crystal Monitoring
–
Erasable Secure Memory for Encryption
Keys
–
Configurable Tamper Response
–
Tamper Events Log
– Partial ARM TrustZone With Secure Run-
Time Environment for Secure Applications
– On-the-Fly-Encryption (OTFE) of the DDR
Memory Bus Interface
– Touch Screen Controller, ADC0
– 12-Bit Successive Approximation Register
(SAR) ADC0
– Up to 867K Samples Per Second
– Input Can be Selected from Any of the Eight
Analog Inputs Multiplexed through an 8:1
Analog Switch
– Can Be Configured to Operate as a 4-, 5-, or
8-Wire Resistive Touch Screen Controller
(TSC) Interface
– Magnetic Card Reader, ADC1
– Up to Three 32-Bit Enhanced Capture (eCAP)
Modules
– Up to Three Enhanced Quadrature Encoder
Pulse (eQEP) Modules
– Up to Six Enhanced High-Resolution PWM
(eHRPWM) Modules
• MPU Subsystem
– ARM Cortex-A9 32-Bit RISC Microprocessor
With Processing Speed up to 1000 MHz
– 32KB of Both L1 Instruction and Data Cache
– 256KB of L2 Cache (Option to Configure as L3
RAM)
– 256KB of On-Chip Boot ROM
– 64KB of On-Chip RAM
– Secure Control Module (SCM)
– Emulation and Debug
– JTAG
– Embedded Trace Buffer
– Interrupt Controller
• On-Chip Memory (Shared L3 RAM)
– 256KB of General-Purpose On-Chip Memory
Controller (OCMC) RAM
– 8KB Erasable Memory
– Accessible to All Masters
– Supports Retention for Fast Wakeup
– Up to 512KB of Total Internal RAM
(256KB of ARM Memory Configured as L3 RAM
+ 256KB of OCMC RAM)
• External Memory Interfaces (EMIFs)
– DDR Controllers:
– LPDDR2: 266-MHz Clock (LPDDR2-533 Data
Rate)
– DDR3 and DDR3L: 400-MHz Clock (DDR-
800 Data Rate)
– 32-Bit Data Bus
– 2GB of Total Addressable Space
– Supports One x32, Two x16, or Four x8


Similar Part No. - AM4382

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4380N ANALOGPOWER-AM4380N Datasheet
330Kb / 5P
N-Channel 200-V (D-S) MOSFET
More results

Similar Description - AM4382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
DRA718 TI1-DRA718 Datasheet
62Kb / 3P
Automotive Applications Processors Technical Brief
DRA726 TI1-DRA726 Datasheet
65Kb / 3P
Automotive Applications Processors Technical Brief
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
Sitara Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com