Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4382 Datasheet(PDF) 9 Page - Texas Instruments

Part # AM4382
Description  Sitara Processors Technical Brief
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4382 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM4382 Datasheet HTML 5Page - Texas Instruments AM4382 Datasheet HTML 6Page - Texas Instruments AM4382 Datasheet HTML 7Page - Texas Instruments AM4382 Datasheet HTML 8Page - Texas Instruments AM4382 Datasheet HTML 9Page - Texas Instruments AM4382 Datasheet HTML 10Page - Texas Instruments AM4382 Datasheet HTML 11Page - Texas Instruments AM4382 Datasheet HTML 12Page - Texas Instruments AM4382 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
AM4382, AM4384, AM4388
www.ti.com
SPRT726A – MARCH 2017 – REVISED APRIL 2017
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device Comparison
Copyright © 2017, Texas Instruments Incorporated
3
Device Comparison
Table 3-1 shows the features supported across different AM438x devices.
Table 3-1. Device Features Comparison
FUNCTION
AM4382
AM4384
AM4388
ARM Cortex-A9
Yes
Yes
Yes
Frequency
300 MHz
600 MHz
1000 MHz
600 MHz
1000 MHz
600 MHz
1000 MHz
MIPS
750
1500
2500
1500
2500
1500
2500
On-chip L1 cache
64KB
64KB
64KB
On-chip L2 cache
256KB
256KB
256KB
Graphics accelerator (SGX530)
—
Yes
Yes
Hardware acceleration
Crypto accelerator
Crypto accelerator
Crypto accelerator
Programmable real-time unit subsystem and
industrial communication subsystem (PRU-ICSS)
—
—
Yes
On-chip memory
256KB
256KB
256KB
Display options
DSS
DSS
DSS
General-purpose memory
1 16-bit (GPMC, NAND flash,
NOR flash, SRAM)
1 16-bit (GPMC, NAND flash,
NOR flash, SRAM)
1 16-bit (GPMC, NAND flash,
NOR flash, SRAM)
DRAM(1)
1 32-bit (DDR3-800, DDR3L-800,
LPDDR2-532)
1 32-bit (DDR3-800, DDR3L-800,
LPDDR2-532)
1 32-bit (DDR3-800, DDR3L-800,
LPDDR2-532)
Universal serial bus (USB)
2 ports
2 ports
2 ports
Ethernet media access controller (EMAC) with 2-
port switch
10/100/1000
2 ports
10/100/1000
2 ports
10/100/1000
2 ports
Multimedia card (MMC)
3
3
3
Controller-area network (CAN)
2
2
2
Universal asynchronous receiver and transmitter
(UART)
6
6
6
Analog-to-digital converter (ADC)
2 8-ch 12-bit
2 8-ch 12-bit
2 8-ch 12-bit
Enhanced high-resolution PWM modules
(eHRPWM)
6
6
6
Enhanced capture modules (eCAP)
3
3
3
Enhanced quadrature encoder pulse (eQEP)
3
3
3
Real-time clock (RTC)
1
1
1
Inter-integrated circuit (I2C)
3
3
3
Multichannel audio serial port (McASP)
2
2
2
Multichannel serial port interface (McSPI)
5
5
5
Enhanced direct memory access (EDMA)
64-Ch
64-Ch
64-Ch
Camera (VPFE)
12-bit
12-bit
12-bit
Sync timer (32K)
1
1
1
HDQ/1-Wire
1
1
1
QSPI
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com