Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800D Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 3 Page - National Semiconductor (TI)

  NSC800D Datasheet HTML 1Page - National Semiconductor (TI) NSC800D Datasheet HTML 2Page - National Semiconductor (TI) NSC800D Datasheet HTML 3Page - National Semiconductor (TI) NSC800D Datasheet HTML 4Page - National Semiconductor (TI) NSC800D Datasheet HTML 5Page - National Semiconductor (TI) NSC800D Datasheet HTML 6Page - National Semiconductor (TI) NSC800D Datasheet HTML 7Page - National Semiconductor (TI) NSC800D Datasheet HTML 8Page - National Semiconductor (TI) NSC800D Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
10 Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Voltage on Any Pin
with Respect to Ground
b
03V to VCC a03V
Maximum VCC
7V
Power Dissipation
1W
Lead Temp (Soldering 10 seconds)
300 C
20 Operating Conditions
NSC800-1
x TA e 0 Cto a70 C
TA eb40 Cto a85 C
NSC800-3
x TA e 0 Cto a70 C
TA eb40 Cto a85 C
TA eb55 Cto a125 C
NSC800-35883C
x TA eb55 Cto a125 C
NSC800-4
x TA e 0 Cto a70 C
TA eb40 Cto a85 C
NSC800-4MIL
x TA eb55 Cto a90 C
30 DC Electrical Characteristics VCC e 5V g10% GND e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical 1 Input Voltage
08 VCC
VCC
V
VIL
Logical 0 Input Voltage
0
02 VCC
V
VHY
Hysteresis at RESET IN input
VCC e 5V
025
05
V
VOH1
Logical 1 Output Voltage
IOUT eb10 mA
24
V
VOH2
Logical 1 Output Voltage
IOUT eb10 mAVCC b05
V
VOL1
Logical 0 Output Voltage
IOUT e 2 mA
0
04
V
VOL2
Logical 0 Output Voltage
IOUT e 10 mA
0
01
V
IIL
Input Leakage Current
0 s VIN s VCC
b
100
100
m
A
IOL
Output Leakage Current
0 s VIN s VCC
b
100
100
m
A
ICC
Active Supply Current
IOUT e 0 f(XIN) e 2 MHz TA e 25 C
8
11
mA
ICC
Active Supply Current
IOUT e 0 f(XIN) e 5 MHz TA e 25 C10
15
mA
ICC
Active Supply Current
IOUT e 0 f(XIN) e 7 MHz
15
21
mA
TA e 25 C
ICC
Active Supply Current
IOUT e 0 f(XIN) e 8 MHz TA e 25 C15
21
mA
IQ
Quiescent Current
IOUT e 0 PS e 0 VIN e 0orVIN e VCC
25
mA
f(XIN) e 0 MHz TA e 25 C XIN e 0 CLK e 1
IPS
Power-Save Current
IOUT e 0 PS e 0 VIN e 0orVIN e VCC
57
mA
f(XIN) e 50 MHz TA e 25
CIN
Input Capacitance
610
pF
COUT
Output Capacitance
812
pF
VCC
Power Supply Voltage
(Note 2)
24
5
6
V
Note 1
Absolute Maximum Ratings indicate limits beyond which permanent damage may occur Continuous operation at these limits is not intended and should be
limited to those conditions specified under DC Electrical Characteristics
Note 2
CPU operation at lower voltages will reduce the maximum operating speed Operation at voltages other than 5V g10% is guaranteed by design not
tested
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com