Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800D Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 27Page - National Semiconductor (TI) NSC800D Datasheet HTML 28Page - National Semiconductor (TI) NSC800D Datasheet HTML 29Page - National Semiconductor (TI) NSC800D Datasheet HTML 30Page - National Semiconductor (TI) NSC800D Datasheet HTML 31Page - National Semiconductor (TI) NSC800D Datasheet HTML 32Page - National Semiconductor (TI) NSC800D Datasheet HTML 33Page - National Semiconductor (TI) NSC800D Datasheet HTML 34Page - National Semiconductor (TI) NSC800D Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
120 Instruction Set (Continued)
122 INSTRUCTION SET MNEMONIC NOTATION
In the following instruction set listing the notations used are
shown below
b
Designates one bit in a register or memory location
Bit address mode uses this indicator
cc
Designates condition codes used in conditional
Jumps Calls and Return instruction may be
NZ e Non-Zero (Z flage0)
Z e Zero (Z flage1)
NC e Non-Carry (C flage0)
C e Carry (C flage1)
PO e Parity Odd or No Overflow (PVe0)
PE e Parity Even or Overflow (PVe1)
P e Positive (Se0)
M e Negative (Se1)
d
Designates an 8-bit signed complement displace-
ment Relative or indexed address modes use this
indicator
kk
Subset of cc condition codes used in conjunction with
conditional relative jumps may be NZ Z NC or C
m1
Designates (HL) (IXad) or (IYad) Register indirect
or indexed address modes use this indicator
m2
Designates (BC) (DE) or (nn) Register indirect or di-
rect address modes use this indicator
n
Any 8-bit binary number
nn
Any 16-bit binary number
p
Designates restart vectors and may be the hex values
0 8 10 18 20 28 30 or 38 Restart instructions
employing the modified page zero addressing mode
use this indicator
pp
Designates the BC DE SP or any 16-bit register used
as a destination operand in 16-bit arithmetic opera-
tions employing the register address mode
qq
Designates BC DE HL A F IX or IY during opera-
tions employing register address mode
r
Designates A B C D E H or L Register addressing
modes use this indicator
rr
Designates BC DE HL SP IX or IY Register ad-
dressing modes use this indicator
ss
Designates HL IX or IY Register addressing modes
use this indicator
XL
Subscript L indicates the lower-order byte of a 16-bit
register
XH
Subscript H indicates the high-order byte of a 16-bit
register
( )
parentheses indicate the contents are considered a
pointer address to a memory or IO location
123 ASSEMBLED OBJECT CODE NOTATION
Register Codes
r
Register
rp
Register
rs
Register
000
B
00BC00BC
001
C
01DE01DE
010
D
10HL10HL
011
E
11SP11AF
100
H
pp
Register
qq
Register
101
L
00BC00BC
111
A
01DE01DE
10
IX
10
HL
11
SP
11
AF
Conditions Codes
cc
Mnemonic
True Flag Condition
000
NZ
Ze0
001
Z
Ze1
010
NC
Ce0
011
C
Ce1
100
PO
PVe0
101
PE
PVe1
110
P
Se0
111
M
Se1
kk
Mnemonic
True Flag Condition
00
NZ
Ze0
01
Z
Ze1
10
NC
Ce0
11
C
Ce1
Restart Addresses
tT
000
X’00
001
X’08
010
X’10
011
X’18
100
X’20
101
X’28
110
X’30
111
X’38
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com