Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800D Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 63Page - National Semiconductor (TI) NSC800D Datasheet HTML 64Page - National Semiconductor (TI) NSC800D Datasheet HTML 65Page - National Semiconductor (TI) NSC800D Datasheet HTML 66Page - National Semiconductor (TI) NSC800D Datasheet HTML 67Page - National Semiconductor (TI) NSC800D Datasheet HTML 68Page - National Semiconductor (TI) NSC800D Datasheet HTML 69Page - National Semiconductor (TI) NSC800D Datasheet HTML 70Page - National Semiconductor (TI) NSC800D Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
1216 Instruction Set Numerical Order (Continued)
Op Code
Mnemonic
CBB7
RES 6A
CBB8
RES 7B
CBB9
RES 7C
CBBA
RES 7D
CBBB
RES 7E
CBBC
RES 7H
CBBD
RES 7L
CBBE
RES 7(HL)
CBBF
RES 7A
CBC0
SET 0B
CBC1
SET 0C
CBC2
SET 0D
CBC3
SET 0E
CBC4
SET 0H
CBC5
SET 0L
CBC6
SET 0(HL)
CBC7
SET 0A
CBC8
SET 1B
CBC9
SET 1C
CBCA
SET 1D
CBCB
SET 1E
CBCC
SET 1H
CBCD
SET 1L
CBCE
SET 1(HL)
CBCF
SET 1A
CBD0
SET 2B
CBD1
SET 2C
CBD2
SET 2D
CBD3
SET 2E
CBD4
SET 2H
CBD5
SET 2L
CBD6
SET 2(HL)
CBD7
SET 2A
CBD8
SET 3B
CBD9
SET 3C
CBDA
SET 3D
CBDB
SET 3E
CBDC
SET 3H
CBDD
SET 3L
CBDE
SET 3(HL)
CBDF
SET 3A
CBE0
SET 4B
CBE1
SET 4C
CBE2
SET 4D
CBE3
SET 4E
CBE4
SET 4H
CBE5
SET 4L
CBE6
SET 4(HL)
CBE7
SET 4A
CBE8
SET 5B
CBE9
SET 5C
CBEA
SET 5D
CBEB
SET 5E
Op Code
Mnemonic
CBEC
SET 5H
CBED
SET 5L
CBEE
SET 5(HL)
CBEF
SET 5A
CBF0
SET 6B
CBF1
SET 6C
CBF2
SET 6D
CBF3
SET 6E
CBF4
SET 6H
CBF5
SET 6L
CBF6
SET 6(HL)
CBF7
SET 6A
CBF8
SET 7B
CBF9
SET 7C
CBFA
SET 7D
CBFB
SET 7E
CBFC
SET 7H
CBFD
SET 7L
CBFE
SET 7(HL)
CBFF
SET 7A
CCnn
CALL Znn
CDnn
CALL nn
CEn
ADC An
CF
RST 8
D0
RET NC
D1
POP DE
D2nn
JP NCnn
D3n
OUT (n)A
D4nn
CALL NCnn
D5
PUSH DE
D6n
SUB n
D7
RST 10H
D8
RET C
D9
EXX
DAnn
JPCnn
DBn
IN A(n)
DCnn
CALL Cnn
DD09
ADD IXBC
DD19
ADD IXDE
DD21nn
LD IXnn
DD22nn
LD (nn)IX
DD23
INC IX
DD29
ADD IXIX
DD2Ann
LD IX(nn)
DD2B
DEC IX
DD34d
INC (IXad)
DD35d
DEC (IXad)
DD36dn
LD (IXad)n
DD39
ADD IXSP
DD46d
LD B(IXad)
DD4Ed
LD C(IXad)
DD56d
LD D(IXad)
DD5Ed
LD E(IXad)
Op Code
Mnemonic
DD66d
LD H(IXad)
DD6Ed
LD L(IXad)
DD70d
LD (IXad)B
DD71d
LD (IXad)C
DD72d
LD (IXad)D
DD73d
LD (IXad)E
DD74d
LD (IXad)H
DD75d
LD (IXad)L
DD77d
LD (IXad)A
DD7Ed
LD A(IXad)
DD86d
ADD A(IXad)
DD8Ed
ADC A(IXad)
DD96d
SUB (IXad)
DD9Ed
SBC A(IXad)
DDA6d
AND (IXad)
DDAEd
XOR (IXad)
DDB6d
OR (IXad)
DDBEd
CP (IXad)
DDCBd06
RLC (IXad)
DDCBd0E
RRC (IXad)
DDCBd16
RL (IXad)
DDCBd1E
RR (IXad)
DDCBd26
SLA (IXad)
DDCBd2E
SRA (IXad)
DDCBd3E
SRL (IXad)
DDCBd46
BIT 0(IXad)
DDCBd4E
BIT 1(IXad)
DDCBd56
BIT 2(IXad)
DDCBd5E
BIT 3(IXad)
DDCBd66
BIT 4(IXad)
DDCBd6E
BIT 5(IXad)
DDCBd76
BIT 6(IXad)
DDCBd7E
BIT 7(IXad)
DDCBd86
RES 0(IXad)
DDCBd8E
RES 1(IXad)
DDCBd96
RES 2(IXad)
DDCBd9E
RES 3(IXad)
DDCBdA6
RES 4(IXad)
DDCBdAE
RES 5(IXad)
DDCBdB6
RES 6(IXad)
DDCBdBE
RES 7(IXad)
DDCBdC6
SET 0(IXad)
DDCBdCE
SET 1(IXad)
DDCBdD6
SET 2(IXad)
DDCBdDE
SET 3(IXad)
DDCBdE6
SET 4(IXad)
DDCBdEE
SET 5(IXad)
DDCBdF6
SET 6(IXad)
DDCBdFE
SET 7(IXad)
DDE1
POP IX
DDE3
EX (SP)IX
DDE5
PUSH IX
DDE9
JP (IX)
(nn)eAddress of memory location
dedisplacement
nneData (16 bit)
d2edb2
neData (8-bit)
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com