Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800D Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 31Page - National Semiconductor (TI) NSC800D Datasheet HTML 32Page - National Semiconductor (TI) NSC800D Datasheet HTML 33Page - National Semiconductor (TI) NSC800D Datasheet HTML 34Page - National Semiconductor (TI) NSC800D Datasheet HTML 35Page - National Semiconductor (TI) NSC800D Datasheet HTML 36Page - National Semiconductor (TI) NSC800D Datasheet HTML 37Page - National Semiconductor (TI) NSC800D Datasheet HTML 38Page - National Semiconductor (TI) NSC800D Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
125 16-Bit Loads (Continued)
PUSH
qq
Push the contents of register pair qq onto the memory
stack
(SP–1)
wqqH
No flags affected
(SP–2)
wqqL
SP
w SP b 2
76543210
PUSH BC
11
rs
0101
PUSH DE
PUSH HL
PUSH AF
Timing
M cycles3
T states11 (5 3 3)
Addressing Mode
SourceRegister
DestinationRegister Indirect
(Stack)
76
5
43210
PUSH IX (for NXe0)
11NX 11101
PUSH IY (for NXe1)
11
1
00101
Timing
M cycles3
T states15 (4 5 3 3)
Addressing Mode
SourceRegister
DestinationRegister Indirect
(Stack)
MEMORY TO REGISTER
LD
rr (nn)
Load 16-bit register from memory location nn
rrL
w (nn)
No flags affected
rrH
w (nn a 1)
76543210
LD HL (nn)
00101010
(note an alternate
opcode below)
n (low-order byte)
n (high-order byte)
Timing
M cycles5
T states16 (4 3 3 3 3)
Addressing Mode
SourceDirect
DestinationRegister
76543210
LD BC (nn)
LD DE (nn)
11101101
LD HL (nn)
LD SP (nn)
01
rp
0011
n (low-order byte)
n (high-order byte)
Timing
M cycles6
T states20 (4 4 3 3 3 3)
Addressing Mode
SourceDirect
DestinationRegister
76
5
43210
LD IX (nn)(for NX e 0)
11NX 11101
LD IY (nn) (for NX e 1)
00
1
01010
n (low-order byte)
n (high-order byte)
Timing
M cycles6
T states20 (4 4 3 3 3 3)
Addressing Mode
SourceDirect
DestinationRegister
POP
qq
Pop the contents of the memory stack to register qq
qqL
w (SP)
No flags affected
qqH
w (SP a 1)
SP
w SP a 2
76543210
POP BC
11
rs
0001
POP DE
POP HL
POP AF
Timing
M cycles3
T states10 (4 3 3)
Addressing Mode
SourceRegister Indirect
(Stack)
DestinationRegister
76
5
43210
POP IX (for NXe0)
11NX 11101
POP IY (for NXe1)
11
1
00001
Timing
M cycles4
T states14 (4 4 3 3)
Addressing Mode
SourceRegister Indirect
(Stack)
DestinationRegister
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com