Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800D Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 8Page - National Semiconductor (TI) NSC800D Datasheet HTML 9Page - National Semiconductor (TI) NSC800D Datasheet HTML 10Page - National Semiconductor (TI) NSC800D Datasheet HTML 11Page - National Semiconductor (TI) NSC800D Datasheet HTML 12Page - National Semiconductor (TI) NSC800D Datasheet HTML 13Page - National Semiconductor (TI) NSC800D Datasheet HTML 14Page - National Semiconductor (TI) NSC800D Datasheet HTML 15Page - National Semiconductor (TI) NSC800D Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
80 Functional Description (Continued)
83 CPU WORKING AND ALTERNATE REGISTER SETS
831 CPU Working Registers
The portion of the register array shown in
Figure 4b repre-
sents the CPU working registers These sixteen 8-bit regis-
ters are general-purpose registers because they perform a
multitude of functions depending on the instruction being
executed They are grouped together also due to the types
of instructions that use them particularly alternate set oper-
ations
The F (flag) register is a special-purpose register because
its contents are more a result of machine status rather than
program data The F register is included because of its inter-
action with the A register and its manipulations in the alter-
nate register set operations
832 Alternate Registers
The NSC800 registers designated as CPU working registers
have one common feature the existence of a duplicate reg-
ister in an alternate register set This architectural concept
simplifies programming during operations such as interrupt
response when the machine status represented by the con-
tents of the registers must be saved
The alternate register concept makes one set of registers
available to the programmer at any given time Two instruc-
tions (EX AF A‘F’ and EXX) exchange the current working
set of registers with their alternate set One exchange be-
tween the A and F registers and their respective duplicates
(A’ and F’) saves the primary status information contained in
the accumulator and the flag register The second exchange
instruction performs the exchange between the remaining
registers B C D E H and L and their respective alter-
nates B’ C’ D’ E’ H’ and L’ This essentially saves the
contents of the original complement of registers while pro-
viding the programmer with a usable alternate set
CPU Main Working Register Set
Accumulator A
(8)
Flags F
(8)
Register B
(8)
Register C
(8)
Register D
(8)
Register E
(8)
Register H
(8)
Register L
(8)
CPU Alternate Working Register Set
Accumulator A’
(8)
Flags F’
(8)
Register B’
(8)
Register C’
(8)
Register D’
(8)
Register E’
(8)
Register H’
(8)
Register L’
(8)
FIGURE 4b CPU Working and Alternate Registers
84 REGISTER FUNCTIONS
841 Accumulator (A Register)
The A register serves as a source or destination register for
data manipulation instructions In addition it serves as the
accumulator for the results of 8-bit arithmetic and logic op-
erations
The A register also has a special status in some types of
operations that is certain addressing modes are reserved
for the A register only although the function is available for
all the other registers For example any register can be
loaded by immediate register indirect or indexed address-
ing modes The A register however can also be loaded via
an additional register indirect addressing
Another special feature of the A register is that it produces
more efficient memory coding than equivalent instruction
functions directed to other registers Any register can be
rotated however while it requires a two-byte instruction to
normally rotate any register a single-byte instruction is
available for rotating the contents of the accumulator (A reg-
ister)
842 F Register - Flags
The NSC800 flag register consists of six status bits that
contain information regarding the results of previous CPU
operations The register can be read by pushing the con-
tents onto the stack and then reading it however it cannot
be written to It is classified as a register because of its
affiliation with the accumulator and the existence of a dupli-
cate register for use in exchange instructions with the accu-
mulator
Of the six flags shown in
Figure 5 only four can be directly
tested by the programmer via conditional jump call and
return instructions They are the Sign (S) Zero (Z) Parity
Overflow (PV) and Carry (C) flags The Half Carry (H) and
AddSubtract (N) flags are used for internal operations re-
lated to BCD arithmetic
TLC5171 – 23
FIGURE 5 Flag Register
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com