Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800D Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 60Page - National Semiconductor (TI) NSC800D Datasheet HTML 61Page - National Semiconductor (TI) NSC800D Datasheet HTML 62Page - National Semiconductor (TI) NSC800D Datasheet HTML 63Page - National Semiconductor (TI) NSC800D Datasheet HTML 64Page - National Semiconductor (TI) NSC800D Datasheet HTML 65Page - National Semiconductor (TI) NSC800D Datasheet HTML 66Page - National Semiconductor (TI) NSC800D Datasheet HTML 67Page - National Semiconductor (TI) NSC800D Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
1215 Instruction Set Alphabetical Order (Continued)
SET
7 B
CB F8
SET
7 C
CB F9
SET
7 D
CB FA
SET
7 E
CB FB
SET
7 H
CB FC
SET
7 L
CB FD
SLA
(HL)
CB 26
SLA
(IXad)
DD CBd26
SLA
(IYad)
FD CBd26
SLA
A
CB 27
SLA
B
CB 20
SLA
C
CB 21
SLA
D
CB 22
SLA
E
CB 23
SLA
H
CB 24
SLA
L
CB 25
SRA
(HL)
CB 2E
SRA
(IXad)
DD CBd2E
SRA
(IYad)
FD CBd2E
SRA
A
CB 2F
SRA
B
CB 28
SRA
C
CB 29
SRA
D
CB 2A
SRA
E
CB 2B
SRA
H
CB 2C
SRA
L
CB 2D
SRL
(HL)
CB 3E
SRL
(IXad)
DD CBd3E
SRL
(IYad)
FD CBd3E
SRL
A
CB 3F
SRL
B
CB 38
SRL
C
CB 39
SRL
D
CB 3A
SRL
E
CB 3B
SRL
H
CB 3C
SRL
L
CB 3D
SUB
(HL)
96
SUB
(IXad)
DD 96d
SUB
(IYad)
FD 96d
SUB
A
97
SUB
B
90
SUB
C
91
SUB
D
92
SUB
E
93
SUB
H
94
SUB
L
95
SUB
n
D6 n
XOR
(HL)
AE
XOR
(IXad)
DD AEd
XOR
(IYad)
FD AEd
XOR
A
AF
XOR
B
A8
XOR
C
A9
XOR
D
AA
XOR
E
AB
XOR
H
AC
XOR
L
AD
XOR
n
EE n
1216 Instruction Set Numerical Order
Op Code
Mnemonic
00
NOP
01nn
LD BCnn
02
LD (BC)A
03
INC BC
04
INC B
05
DEC B
06n
LD Bn
07
RLCA
08
EX AFA’F’
09
ADD HLBC
0A
LD A(BC)
0B
DEC BC
0C
INC C
0D
DEC C
0En
LD Cn
0F
RRCA
10d2
DJNZ d2
11nn
LD DEnn
12
LD (DE)A
13
INC DE
14
INC D
Op Code
Mnemonic
15
DEC D
16n
LD Dn
17
RLA
18d2
JR d2
19
ADD HLDE
1A
LD A(DE)
1B
DEC DE
1C
INC E
1D
DEC E
1En
LD En
1F
RRA
20d2
JR NZd2
21nn
LD HLnn
22nn
LD (nn)HL
23
INC HL
24
INC H
25
DEC H
26n
LD H n
27
DAA
28d2
JR Zd2
29
ADD HLHL
Op Code
Mnemonic
2Ann
LD HL(nn)
2B
DEC HL
2C
INC L
2D
DEC L
2En
LD Ln
2F
CPL
30d2
JR NCd2
31nn
LD SPnn
32nn
LD (nn)A
33
INC SP
34
INC (HL)
35
DEC (HL)
36n
LD (HL)n
37
SCF
38
JR Cd2
39
ADD HLSP
3Ann
LD A(nn)
3B
DEC SP
3C
INC A
3D
DEC A
3En
LD An
(nn)eAddress of memory location
dedisplacement
nneData (16 bit)
d2edb2
neData (8 bit)
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com