Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800D Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 38Page - National Semiconductor (TI) NSC800D Datasheet HTML 39Page - National Semiconductor (TI) NSC800D Datasheet HTML 40Page - National Semiconductor (TI) NSC800D Datasheet HTML 41Page - National Semiconductor (TI) NSC800D Datasheet HTML 42Page - National Semiconductor (TI) NSC800D Datasheet HTML 43Page - National Semiconductor (TI) NSC800D Datasheet HTML 44Page - National Semiconductor (TI) NSC800D Datasheet HTML 45Page - National Semiconductor (TI) NSC800D Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
126 8-Bit Arithmetic (Continued)
XOR
m1
The data in memory location m1 is exclusively OR’ed with
the data in the Accumulator
A
w A Z m1
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C Reset
76543210
10101110
XOR (HL)
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceRegister Indexed
DestinationImplied
76
5
43210
XOR (IX a d) (for NXe0)
11NX 11101
XOR (IY a d) (for NXe1)
10
1
01110
d
Timing
M cycles5
T states19 (4 4 3 5 3)
Addressing Mode
SourceIndexed
DestinationImplied
CP
m1
Compare the data in memory location m1 with the data in
the Accumulator via subtraction
A b m1
S Set if result is negative
Z Set if result is zero
H Set if borrow from bit 4
PV Set if result exceeds 8-bit 2’s
complement range
N Set
C Set according to borrow
condition
76543210
10111110
CP (HL)
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceRegister Indirect
DestinationImplied
76
5
43210
CP (IX a d) (for NXe0)
11NX 11101
CP (IY a d) (for NXe1)
10
1
11110
d
Timing
M cycles5
T states19 (4 4 3 5 3)
Addressing Mode
SourceIndexed
DestinationImplied
INC
m1
Increment data in memory location m1
m1
w m1 a 1
S Set if result is negative
Z Set if result is zero
H Set according to carry from bit
3
PV Set if data was X’7F before op-
eration
N Reset
C NA
76543210
00110100
INC (HL)
Timing
M cycles3
T states11 (4 4 3)
Addressing Mode
SourceRegister Indexed
DestinationRegister Indexed
76
5
43210
INC (IX a d) (for NXe0)
11NX 11101
INC (IY a d) (for NXe1)
00
1
10100
d
Timing
M cycles6
T states23 (4 4 3 5 4 3)
Addressing Mode
SourceIndexed
DestinationIndexed
DEC
m1
Decrement data in memory location m1
m1
w m1 b 1
S Set if result is negative
Z Set if result is zero
H Set according to borrow from
bit 4
PV Set only if m1 was X’80 before
operation
N Set
C NA
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com